Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA312-600CT Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BTA312-600CT
Description  12 A Three-quadrant triacs high commutation high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312-600CT Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BTA312-600CT Datasheet HTML 3Page - NXP Semiconductors BTA312-600CT Datasheet HTML 4Page - NXP Semiconductors BTA312-600CT Datasheet HTML 5Page - NXP Semiconductors BTA312-600CT Datasheet HTML 6Page - NXP Semiconductors BTA312-600CT Datasheet HTML 7Page - NXP Semiconductors BTA312-600CT Datasheet HTML 8Page - NXP Semiconductors BTA312-600CT Datasheet HTML 9Page - NXP Semiconductors BTA312-600CT Datasheet HTML 10Page - NXP Semiconductors BTA312-600CT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA312_SER_CT_ET_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2007
7 of 12
NXP Semiconductors
BTA312 series CT and ET
12 A Three-quadrant triacs high commutation high temperature
7.
Dynamic characteristics
Table 6.
Dynamic characteristics
Symbol Parameter
Conditions
BTA312-600CT
BTA312-800ET
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state
voltage
VDM = 0.67 × VDRM(max); Tj = 150 °C;
exponential waveform; gate open circuit
300
-
-
30
-
-
V/
µs
dIcom/dt rate of change
of
commutating
current
VDM = 400 V; Tj = 150 °C; IT(RMS) =12A;
without snubber; gate open circuit
8
-
-
2
-
-
A/ms
VDM = 400 V; Tj = 150 °C; IT(RMS) =12A;
dV/dt = 10 V/
µs; gate open circuit
13
-
-
3.5
-
-
A/ms
VDM = 400 V; Tj = 150 °C; IT(RMS) =12A;
dV/dt=1V/
µs; gate open circuit
20
-
-
5
-
-
A/ms
tgt
gate-controlled
turn-on time
ITM = 20 A; VD =VDRM(max); IG = 0.1 A;
dIG/dt=5A/µs
-2
-
-
2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function of
junction temperature
Fig 8.
Normalized gate trigger current as a function of
junction temperature
Tj (°C)
−50
150
100
50
0
001aag168
0.8
1.2
1.6
VGT
0.4
VGT(25°C)
Tj (°C)
−50
150
100
050
001aag165
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)


Numéro de pièce similaire - BTA312-600CT

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BTA312-600CT ISC-BTA312-600CT Datasheet
221Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BTA312-600CT WEEN-BTA312-600CT Datasheet
226Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA312-600CT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com