Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS70SB45 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 1PS70SB45
Description  General-purpose Schottky diodes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB45 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 1PS70SB45 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 9Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 10Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 11Page - NXP Semiconductors 1PS70SB45 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
8 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f = 10 kHz
Tamb =25 °C; f = 1 MHz
Fig 3.
Differential resistance as a function of forward
current; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
102
10−1
10−2
10
1
0
mlc361
0.6
0.8
0.4
0.2
1
VF (V)
IF
(mA)
(1)
(2)
(3)
(4)
103
102
10−1
10−2
10
1
0
mlc362
20
10
40
30
VR (V)
IR
(
µA)
(1)
(2)
(3)
mlc364
1
103
10−1
102
110
102
10
rdif
(
Ω)
IF (mA)
010
20
40
30
5
0
4
mlc363
3
2
1
VR (V)
Cd
(pF)


Numéro de pièce similaire - 1PS70SB45

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
1PS70SB45 KEXIN-1PS70SB45 Datasheet
48Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
1PS70SB45 NXP-1PS70SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB45 NXP-1PS70SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB45 NXP-1PS70SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Nexperia B.V. All right...
1PS70SB45 NEXPERIA-1PS70SB45 Datasheet
188Kb / 8P
   General-purpose dual Schottky diode
7 March 2022
More results

Description similaire - 1PS70SB45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
   Surface Mount General Purpose Schottky Diodes
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com