Moteur de recherche de fiches techniques de composants électroniques |
|
IRF3805LPBF Fiches technique(PDF) 6 Page - International Rectifier |
|
IRF3805LPBF Fiches technique(HTML) 6 Page - International Rectifier |
6 / 12 page IRF3805/S/LPbF 6 www.irf.com QG QGS QGD VG Charge D.U.T. VDS ID IG 3mA VGS .3 µF 50K Ω .2 µF 12V Current Regulator Same Type as D.U.T. Current Sampling Resistors + - 10 V Fig 13b. Gate Charge Test Circuit Fig 13a. Basic Gate Charge Waveform Fig 12c. Maximum Avalanche Energy Vs. Drain Current Fig 12b. Unclamped Inductive Waveforms Fig 12a. Unclamped Inductive Test Circuit tp V(BR)DSS IAS Fig 14. Threshold Voltage Vs. Temperature RG IAS 0.01 Ω tp D.U.T L VDS + - VDD DRIVER A 15V 20V VGS -75 -50 -25 0 25 50 75 100 125 150 175 TJ , Temperature ( °C ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 ID = 250µA 25 50 75 100 125 150 175 Starting TJ, Junction Temperature (°C) 0 400 800 1200 1600 2000 I D TOP 15A 20A BOTTOM 75A |
Numéro de pièce similaire - IRF3805LPBF |
|
Description similaire - IRF3805LPBF |