Moteur de recherche de fiches techniques de composants électroniques |
|
ML29FAD Fiches technique(PDF) 1 Page - MTRONPTI |
|
ML29FAD Fiches technique(HTML) 1 Page - MTRONPTI |
|
1 / 1 page 121 X O ML Series Micropower CMOS Oscillators See page 146 for gull wing configuration. Pin Connections Divider Output Frequencies 1. Supply current for divided output is slightly higher that listed. 2. See load circuit diagram #2 on page 148. 3. Rise/Fall times are measured between 20% Vdd and 80% Vdd. Available Stabilities vs. Temperature OBSOLETE |
Numéro de pièce similaire - ML29FAD |
|
Description similaire - ML29FAD |