Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBTH24 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce MMBTH24
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH24 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  MMBTH24 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH24 Datasheet HTML 2Page - Fairchild Semiconductor MMBTH24 Datasheet HTML 3Page - Fairchild Semiconductor MMBTH24 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. C, November 2002
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Thermal Characteristics T
A=25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6”
× 1.6” × 0.06"
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector current
- Continuous
50
mA
TJ, Tstg
Junction and Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Sustaining Voltage *
IC = 1.0mA, IB = 0
30
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100µA, IE = 0
40
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
4.0
VV
ICBO
Collector Cutoff Current
VCB = 15V, IE = 0
50
nA
On Characteristics
hFE
DC Current Gain
IC = 8.0mA, VCE = 10V
30
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 8.0mA, VCE = 10V,
f = 100MHz
400
MHz
Ccb
Collector-Base Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
0.36
pF
Symbol
Parameter
Max.
Units
MPSH24
*MMBTH24
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
225
1.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
556
°C/W
MPSH24/MMBTH24
NPN General Purpose Amplifier
• This device is designed for common-emitter low noise
amplifier and mixer applications with collector currents
in the 100mA to 20mA range to 300MHz, and low
frequency drift common-base VHF oscillator
applications with high output levels for driving FET
mixers.
• Sourced from process 47.
• See MPSH11 for characteristics.
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Mark: 3A
TO-92
1
1. Base 2. Emitter 3. Collector


Numéro de pièce similaire - MMBTH24

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBTH24 SAMSUNG-MMBTH24 Datasheet
31Kb / 1P
   NPN (VHF MIXER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTH24 FAIRCHILD-MMBTH24 Datasheet
36Kb / 2P
   NPN RF Transistor
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
47Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
MMBTH24 DIODES-MMBTH24 Datasheet
563Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
MMBTH24-7 DIODES-MMBTH24-7 Datasheet
47Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
More results

Description similaire - MMBTH24

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com