Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA56 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce PZTA56
Description  PNP General Purpose Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA56 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  PZTA56 Datasheet HTML 1Page - Fairchild Semiconductor PZTA56 Datasheet HTML 2Page - Fairchild Semiconductor PZTA56 Datasheet HTML 3Page - Fairchild Semiconductor PZTA56 Datasheet HTML 4Page - Fairchild Semiconductor PZTA56 Datasheet HTML 5Page - Fairchild Semiconductor PZTA56 Datasheet HTML 6Page - Fairchild Semiconductor PZTA56 Datasheet HTML 7Page - Fairchild Semiconductor PZTA56 Datasheet HTML 8Page - Fairchild Semiconductor PZTA56 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.fairchildsemi.com
MPSA56/MMBTA56/PZTA56 Rev. 1.0.2
Typical Characteristics (Continued)
Power Dissipation vs
Ambient Temperature
025
5075
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Collector Saturation Region
-3000
-5000
-10000
-20000
-30000 -50000
-10
-8
-6
-4
-2
0
I - BASE CURRENT (
µA)
B
-10mA
-100mA
-1mA
T = 25
°C
I =
A
Gain Bandwidth Product
vs Collector Current
-1
-10
-100
350
300
250
200
150
100
50
0
I
- COLLECTOR CURRENT (mA)
C
V
= -5V
CE


Numéro de pièce similaire - PZTA56

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZTA56 PHILIPS-PZTA56 Datasheet
52Kb / 8P
   PNP general purpose transistor
1997 Apr 01
logo
Fairchild Semiconductor
PZTA56 FAIRCHILD-PZTA56 Datasheet
648Kb / 15P
   PNP General Purpose Amplifier
logo
Jiangsu Changjiang Elec...
PZTA56 JIANGSU-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
PZTA56 KEXIN-PZTA56 Datasheet
59Kb / 1P
   PNP General Purpose Transistor
logo
Nanjing International G...
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Description similaire - PZTA56

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com