Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR3915PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLR3915PBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR3915PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLR3915PBF Datasheet HTML 1Page - International Rectifier IRLR3915PBF Datasheet HTML 2Page - International Rectifier IRLR3915PBF Datasheet HTML 3Page - International Rectifier IRLR3915PBF Datasheet HTML 4Page - International Rectifier IRLR3915PBF Datasheet HTML 5Page - International Rectifier IRLR3915PBF Datasheet HTML 6Page - International Rectifier IRLR3915PBF Datasheet HTML 7Page - International Rectifier IRLR3915PBF Datasheet HTML 8Page - International Rectifier IRLR3915PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U3915PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS = 30A, VGS = 0V
„
trr
Reverse Recovery Time
–––
62
93
ns
TJ = 25°C, IF = 30A, VDD = 25xjkl V
Qrr
Reverse Recovery Charge
––– 110
170
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.057 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
12
14
VGS = 10V, ID = 30A
„
–––
14
17
VGS = 5.0V, ID = 26A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
42
–––
–––
S
VDS = 25V, ID = 30A
–––
–––
20
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 55V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Qg
Total Gate Charge
–––
61
92
ID = 30A
Qgs
Gate-to-Source Charge
–––
9.0
14
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
17
25
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
7.4
–––
VDD = 28V
tr
Rise Time
–––
51
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
83
–––
RG = 8.5Ω
tf
Fall Time
–––
100
–––
VGS = 10V
„
Between lead,
–––
–––
nH
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 1870 –––
VGS = 0V
Coss
Output Capacitance
–––
390
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
74
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
––– 2380 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
290
–––
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
540
–––
VGS = 0V, VDS = 0V to 44V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
Source-Drain Ratings and Characteristics
61
240
A
m


Numéro de pièce similaire - IRLR3915PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR3915PBF IRF-IRLR3915PBF Datasheet
328Kb / 11P
   Advanced Process Technology
IRLR3915PBF IRF-IRLR3915PBF Datasheet
328Kb / 11P
   Advanced Process Technology
IRLR3915PBF IRF-IRLR3915PBF_15 Datasheet
328Kb / 11P
   Advanced Process Technology
More results

Description similaire - IRLR3915PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com