Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HCT74MTC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce M74HCT74MTC
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

M74HCT74MTC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  M74HCT74MTC Datasheet HTML 1Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 2Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 3Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 4Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 5Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 6Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 7Page - Fairchild Semiconductor M74HCT74MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 5.0V ± 10%, CL = 50 pF, tr = tf = 6 ns unless otherwise specified
Note 6: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
50
30
MHz
Frequency from Clock
to Q or Q
tPHL, tPLH
Maximum Propagation
18
30
ns
Delay Clock to Q or Q
tPHL, tPLH
Maximum Propagation
18
30
ns
Delay from Preset or
Clear to Q or Q
tREM
Minimum Removal Time,
20
ns
Preset or Clear to Clock
tS
Minimum Setup Time
20
ns
Data to Clock
tH
Minimum Hold Time
−30
ns
Clock to Data
tW
Minimum Pulse Width
8
16
ns
Clock, Preset or Clear
Symbol
Parameter
Conditions
TA = 25°CTA = −40° to +85°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
27
21
MHz
Frequency
tPHL, tPLH
Maximum Propagation
21
35
44
ns
Delay from Clock to
Q or Q
tPHL, tPLH
Maximum Propagation
21
35
44
ns
Delay from Preset or
Clear to Q or Q
tREM
Minimum Removal Time
20
25
ns
Preset or Clear to Clock
tS
Minimum Setup Time
20
25
ns
Data to Clock
tH
Minimum Hold Time
−30
0
ns
Clock to Data
tW
Minimum Pulse Width
9
16
20
ns
Clock, Preset or Clear
tr, tf
Maximum Clock Input
500
500
ns
Rise and Fall Time
tTHL, tTLH
Maximum Output
15
19
ns
Rise and Fall Time
CPD
Power Dissipation
(per flip-flop)
10
pF
Capacitance (Note 6)
CIN
Maximum Input
5
10
10
pF
Capacitance


Numéro de pièce similaire - M74HCT74MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
M74HCT74MTC FAIRCHILD-M74HCT74MTC Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
More results

Description similaire - M74HCT74MTC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com