Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA0161 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TDA0161
Description  Proximity Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161 Fiches technique(HTML) 4 Page - STMicroelectronics

  TDA0161_05 Datasheet HTML 1Page - STMicroelectronics TDA0161_05 Datasheet HTML 2Page - STMicroelectronics TDA0161_05 Datasheet HTML 3Page - STMicroelectronics TDA0161_05 Datasheet HTML 4Page - STMicroelectronics TDA0161_05 Datasheet HTML 5Page - STMicroelectronics TDA0161_05 Datasheet HTML 6Page - STMicroelectronics TDA0161_05 Datasheet HTML 7Page - STMicroelectronics TDA0161_05 Datasheet HTML 8Page - STMicroelectronics TDA0161_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2 Electrical ratings
TDA0161
4/12
2
Electrical ratings
Table 1.
Absolute maximum ratings
2.1
Electrical characteristics
–40 < TA < +100°C, PTOT < 150mW, unless otherwise specified.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
35
V
TJ
Operating Temperature Range
+150
°C
TSTG
Storage Temperature Range
–55 to 150
°C
Table 2.
Electrical Characteristcs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4
35
V
Reverse Voltage Limitation
ICC = –100mA
-1
V
ICC
Supply Current close target TA = +25
°C
+4V < VCC < +35V
810
12
mA
ICC
Supply Current remote
target
+4V < VCC < +35V
1
mA
Supply Current transition
time
C3 = 0
1
µs
C3
≠ 0
100 x C3
(nF)
µs
fOSC
Oscillator Tuning
Frequency
10
MHz
fO
Output Frequency
C3 = 0
0
10
kHz
∆ICC
Output Current Ripple
C3 = 0,
C2 (pF) > 150/fOSC(MHz)
20
µA
Rn
Negative Resistance on
Terminals A and E
4k
Ω < R1 < 50kΩ,
fOSC < 3MHz
0.9 R1
R1
1.1 R1
HYST
Hysteresis at Detection
Point
C2 (pF) > 150/fOSC(MHz)
0.5
5
%


Numéro de pièce similaire - TDA0161_05

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA0161DP STMICROELECTRONICS-TDA0161DP Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
TDA0161FP STMICROELECTRONICS-TDA0161FP Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
More results

Description similaire - TDA0161_05

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
   Proximity Detectors
logo
NXP Semiconductors
OM3105P PHILIPS-OM3105P Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com