Moteur de recherche de fiches techniques de composants électroniques |
|
AD1974YSTZ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD1974YSTZ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 24 page AD1974 Rev. 0 | Page 6 of 24 Parameter Condition Comments Min Max Unit PLL Lock Time MCLK and LRCLK input 10 ms 256 fS VCO Clock 40 60 % Output Duty Cycle MCLK_O Pin SPI PORT See Figure 5 tCCH CCLK high 35 ns tCCL CCLK low 35 ns fCCLK CCLK frequency fCCLK = 1/tCCP; only tCCP shown in Figure 5 10 MHz tCDS CDATA setup To CCLK rising 10 ns tCDH CDATA hold From CCLK rising 10 ns tCLS Setup To CCLK rising 10 ns tCLH Hold From CCLK falling 10 ns tCLHIGH High Not shown in Figure 5 10 ns tCOE COUT enable From CCLK falling 30 ns tCOD COUT delay From CCLK falling 30 ns tCOH COUT hold From CCLK falling, not shown in Figure 5 30 ns tCOTS COUT tristate From CCLK falling 30 ns ADC SERIAL PORT See Figure 13 tABH ABCLK high Slave mode 10 ns tABL ABCLK low Slave mode 10 ns tALS ALRCLK setup To ABCLK rising, slave mode 10 ns tALH ALRCLK hold From ABCLK rising, slave mode 5 ns tALS ALRCLK skew From ABCLK falling, master mode −8 +8 ns tABDD ASDATA delay From ABCLK falling 18 ns AUXILIARY INTERFACE See Figure 12 tXDS AAUXDATA setup To AUXBCLK rising 10 ns tXDH AAUXDATA hold From AUXBCLK rising 5 ns tXBH AUXBCLK high 10 ns tXBL AUXBCLK low 10 ns tXLS AUXLRCLK setup To AUXBCLK rising 10 ns tXLH AUXLRCLK hold From AUXBCLK rising 5 ns |
Numéro de pièce similaire - AD1974YSTZ |
|
Description similaire - AD1974YSTZ |