Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50-0002 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce AM50-0002
Description  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002 Fiches technique(HTML) 1 Page - Tyco Electronics

  AM50-0002 Datasheet HTML 1Page - Tyco Electronics AM50-0002 Datasheet HTML 2Page - Tyco Electronics AM50-0002 Datasheet HTML 3Page - Tyco Electronics AM50-0002 Datasheet HTML 4Page - Tyco Electronics AM50-0002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Noise Amplifier
1.575 GHz
V5
AM50-0002
Features
• Low Noise Figure: 1.15 dB
• High Gain: 27 dB
• Low Power Consumption: 5V, 20 mA
• High Dynamic Range
• Low Cost SOIC-8 Lead Package
Description
M/A-COM’s AM50-0002 is a high performance
GaAs MMIC low noise amplifier in a low cost SOIC
8 Lead surface mount plastic package. The AM50-
0002 employs a monolithic 3-stage self-bias design
and a simple external matching network to obtain
minimum noise figure.
The AM50-0002 is ideally suited for use where low
noise figure, high gain, high dynamic range and low
power consumption are required. Typical
applications include receiver front ends in the
Global Positioning System (GPS) market, as well as
standard gain blocks, buffer amps, driver amps, and
IF amps in both fixed and portable systems.
M/A-COM’S AM50-0002 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Electrical Specifications:
TA = +25°C, Z0=50 Ohm, VDD=+5V, PIN=-35 dBm, F=1.575 GHZ
Parameter
Units
Min
Typ
Max
Gain
dB
25
27
29
Noise Figure
dB
-
1.15
1.4
Input VSWR
-
2.0:1
-
Output VSWR
-
1.5:1
-
Output P1dB
Compression
dBm
-
1
-
Input IP3
dBm
-
-14
-
Reverse Isolation
dB
-
48
-
Bias Current
mA
15
20
25
Ordering Information
Part Number
Package
AM50-0002
SOIC-8 Lead Package
AM50-0002TR
Forward Tape and Reel, 1000 pcs
AM50-0002TR-3000 Forward Tape and Reel, 3000 pcs
AM50-0002SMB
Sample Test Board (Includes 5 Samples)
Functional Diagram
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
PIN
No.
PIN Name
Description
1
GND
Ground
2
RFIN
RF Input
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
RFOUT
RF Output, VDD
7
GND
Ground
8
GND
Ground
Pin Configuration
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
1


Numéro de pièce similaire - AM50-0002

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002 MACOM-AM50-0002 Datasheet
211Kb / 3P
   Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MA-COM-AM50-0002 Datasheet
116Kb / 7P
   GaAs MMIC Low Noise Amplifier SOIC-8 Platform
More results

Description similaire - AM50-0002

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com