Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HCT374DWG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
SN74HCT374DWG4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-8550701VRA ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type 5962-8550701VSA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type 85507012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 8550701RA ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type JM38510/65652BRA ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type SN54HCT374J ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type SN74HCT374DBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DBRE4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DWG4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374DWRG4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74HCT374N3 OBSOLETE PDIP N 20 TBD Call TI Call TI SN74HCT374NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74HCT374NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PW ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PWE4 ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PWR ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PWRE4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PWT ACTIVE TSSOP PW 20 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HCT374PWTE4 ACTIVE TSSOP PW 20 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54HCT374FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54HCT374J ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. PACKAGE OPTION ADDENDUM www.ti.com 10-May-2007 Addendum-Page 1 |
Numéro de pièce similaire - SN74HCT374DWG4 |
|
Description similaire - SN74HCT374DWG4 |