Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN65LVDS303 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN65LVDS303
Description  PROGRAMMABLE 27-BIT DISPLAY SERIAL-INTERFACE TRANSMITTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS303 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS303 Datasheet HTML 2Page - Texas Instruments SN65LVDS303 Datasheet HTML 3Page - Texas Instruments SN65LVDS303 Datasheet HTML 4Page - Texas Instruments SN65LVDS303 Datasheet HTML 5Page - Texas Instruments SN65LVDS303 Datasheet HTML 6Page - Texas Instruments SN65LVDS303 Datasheet HTML 7Page - Texas Instruments SN65LVDS303 Datasheet HTML 8Page - Texas Instruments SN65LVDS303 Datasheet HTML 9Page - Texas Instruments SN65LVDS303 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
SN65LVDS303
SLLS743A – JULY 2006 – REVISED JANUARY 2007
Table 2. TERMINAL FUNCTIONS
NAME
I/O
DESCRIPTION
D0+, D0–
SubLVDS data link (active during normal operation)
SubLVDS data link (active during normal operation when LS = high; high impedance if
D1+, D1–
SubLVDS out
LS = low)
CLK+, CLK–
SubLVDS output clock; clock polarity is fixed.
R0–R7
Red pixel data (8); terminal assignment depends on SWAP terminal setting.
G0–G7
Green pixel data (8); terminal assignment depends on SWAP terminal setting.
B0–B7
Blue pixel data (8); terminal assignment depends on SWAP terminal setting.
HS
Horizontal sync
VS
Vertical sync
DE
Data enable
PCLK
Input pixel clock; rising or falling clock polarity is selected by control input CPOL.
CMOS in
LS
Link select (determines active SubLVDS data links and PLL range); see Table 3.
Disables the CMOS drivers and turns off the PLL, putting device in shutdown mode
1 – Transmitter enabled
0 – Transmitter disabled (shutdown)
Note: The TXEN input incorporates glitch-suppression logic to avoid device malfunction
TXEN
on short input spikes. It is necessary to pull TXEN high for longer than 10
µs to enable
the transmitter. It is necessary to pull the TXEN input low for longer than 10
µs to
disable the transmitter. At power up, the transmitter is enabled immediately if TXEN = 1
and disabled if TXEN = 0
Input clock polarity selection
CPOL
CMOS in
0 – rising edge clocking
1 – falling edge clocking
Bus swap. Swaps the bus terminals to allow device placement on top or bottom of PCB.
See pinout drawing for terminal assignments.
SWAP
CMOS in
0 – data input from B0...R7
1 – data input from R7...B0
VDD
Supply voltage
GND
Supply ground
VDDLVDS
SubLVDS I/O supply voltage
GNDLVDS
SubLVDS ground
Power supply(1)
VDDPLLA
PLL analog supply voltage
GNDPLLA
PLL analog GND
VDDPLLD
PLL digital supply voltage
GNDPLLD
PLL digital GND
(1)
For a multilayer PCB, it is recommended to keep one common GND layer underneath the device and connect all ground terminals
directly to this plane.
6
Submit Documentation Feedback


Numéro de pièce similaire - SN65LVDS303

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results

Description similaire - SN65LVDS303

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS311 TI1-SN65LVDS311 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_08 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS304 TI-SN65LVDS304 Datasheet
1Mb / 38P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com