Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA35-NP Fiches technique(PDF) 2 Page - LEM

No de pièce LA35-NP
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA35-NP Fiches technique(HTML) 2 Page - LEM

  LA35-NP_06 Datasheet HTML 1Page - LEM LA35-NP_06 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions LA 35-NP (in mm. 1 mm = 0.0394 inch)
Connection
Remarks
I
S is positive when IP flows from terminals 1, 2, 3, 4, 5 to
terminals 10, 9, 8, 7, 6
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & connection of primary
10 pins 0.7 x 0.6 mm
Fastening & connection of secondary 3 pins ∅ 1 mm
Recommended PCB hole
1.2 mm
Right view
Bottom view
Top view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
1
35
70
35
1 / 1000
0.3
0.023
2
17
34
34
2 / 1000
1.1
0.09
3
11
22
33
3 / 1000
2.5
0.21
4
8
16
32
4 / 1000
4.4
0.37
5
7
14
35
5 / 1000
6.3
0.58
Number
of primary
turns
Primary current
nominal
maximum
I
PN
[ A ]
I
P
[ A ]
Nominal
output current
I
SN
[ mA ]
Turns
ratio
K
N
Primary
resistance
R
P
[ m
Ω ]
Primary insertion
inductance
L
P
[ µH ]
Recommended
connections
Back view
Model + SP N°
Date code
IN
OUT


Numéro de pièce similaire - LA35-NP_06

FabricantNo de pièceFiches techniqueDescription
logo
LEM
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
   Current Transducer LA 35-NP
More results

Description similaire - LA35-NP_06

FabricantNo de pièceFiches techniqueDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com