Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6850D8TG Fiches technique(PDF) 1 Page - Stanson Technology

No de pièce ST6850D8TG
Description  Green-Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6850D8TG Fiches technique(HTML) 1 Page - Stanson Technology

  ST6850D8TG Datasheet HTML 1Page - Stanson Technology ST6850D8TG Datasheet HTML 2Page - Stanson Technology ST6850D8TG Datasheet HTML 3Page - Stanson Technology ST6850D8TG Datasheet HTML 4Page - Stanson Technology ST6850D8TG Datasheet HTML 5Page - Stanson Technology ST6850D8TG Datasheet HTML 6Page - Stanson Technology ST6850D8TG Datasheet HTML 7Page - Stanson Technology ST6850D8TG Datasheet HTML 8Page - Stanson Technology ST6850D8TG Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Green-Mode PWM Controller
ST6850
300mA Driving Capability
DESCRIPTION
The ST6850 is the current mode PWM controller with green-mode power-saving
operation which can meet the low standby-power needs for low power SMPS. This green-
mode function enables the power supply to easily meet even the strictest power conservation
requirements. The small package provides the high efficiency / low cost solution for SMPS
power applications.
ST6850 is processed by BiCMOS fabrication, that enables reducing the start-up current
and the operating current. ST6850 is available by SOT-23-6L / DIP-8P packages.
PIN CONFIGURATION
SOT-23-6L
DIP-8P
PART MARKING
SOT-23-6L
DIP-8P
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
APPLICATIONS
AC / DC Switching Power Adaptor
Battery Charger
PC 5V Standby Power
Open-Frame Switching Power Supply
FEATURE
High-Voltage BiCMOS Process
Very Low Startup Current( <25u )
Under Voltage Lockout( UVLO )
Current Mode Control
Current Limiting
Programmable Switching Frequency
Intermal Slope Compensation
Green-Mode Control for Power Saving
Non-audible-noise Green Mode Control
300mA Driving Capability
OVP (Over Voltage Protection) on Vcc
Pin
YYWW
ST6850


Numéro de pièce similaire - ST6850D8TG

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
ST68 ROHM-ST68 Datasheet
28Kb / 1P
   NPN General Purpose Transistor
ST68 ROHM-ST68 Datasheet
28Kb / 1P
   PNP General Purpose Tranisitor
logo
Fairchild Semiconductor
ST68 FAIRCHILD-ST68 Datasheet
121Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs
logo
Vishay Siliconix
ST68-100T2MI VISHAY-ST68-100T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST68-50T1MI VISHAY-ST68-50T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Description similaire - ST6850D8TG

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com