Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2007IYZGR Fiches technique(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce TSC2007IYZGR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007IYZGR Fiches technique(HTML) 11 Page - Burr-Brown (TI)

Back Button TSC2007IYZGR Datasheet HTML 7Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 8Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 9Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 10Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 11Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 12Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 13Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 14Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
588
586
584
582
580
578
576
574
3.6
VDD=V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
704
702
700
698
696
694
692
690
3.6
VDD=V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
Temperature( C)
°
-40
-20
3.40
3.30
3.20
3.10
3.00
2.90
2.80
2.70
0
20
40
60
80
100
VDD=1.2V
Temperature( C)
°
-40
-20
3.70
3.65
3.60
0
20
40
60
80
100
VDD=1.8V
Temperature( C)
°
-40
-20
3.90
3.85
3.80
3.75
3.70
0
20
40
60
80
100
VDD=3.0V
TSC2007
SBAS405 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, and non-continuous AUX
measurement, unless otherwise noted.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 14.
Figure 15.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
Figure 18.
11
Submit Documentation Feedback


Numéro de pièce similaire - TSC2007IYZGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2007IYZGR TI-TSC2007IYZGR Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007IYZGR TI1-TSC2007IYZGR Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

Description similaire - TSC2007IYZGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com