Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2064DGNG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2064DGNG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2064DGNG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2064DGNG4 Datasheet HTML 1Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 2Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 3Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 4Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 5Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 6Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 7Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 8Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
DEVICE INFORMATION
Thermal
Sense
Driver
Current
Limit
Charge
Pump
UVLO
CS
Driver
Current
Limit
CS
Thermal
Sense
Charge
Pump
GND
EN1
IN
EN2
OC1
OUT1
OUT2
OC2
Deglitch
Deglitch
(SeeNote A)
(SeeNote A)
(SeeNoteB)
(SeeNoteB)
TPS2060, TPS2064
TPS2068, TPS2069
SLVS553E – MARCH 2005 – REVISED APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
0
°C ≤ T
J≤ 105°C for the TPS2060/64 and -40°C ≤ TJ≤ 105° for the TPS2068/69, VI(IN) = 5.5 V, IO = 1 A, VI(ENx) = 0 V, or
V
I(ENx) = 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Hysteresis
10
°C
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TPS2060
TPS2064
EN1
3
-
I
Enable input, logic low turns on power switch IN-OUT1
EN2
4
-
I
Enable input, logic low turns on power switch IN-OUT2
EN1
-
3
I
Enable input, logic high turns on power switch IN-OUT1
EN2
-
4
I
Enable input, logic high turns on power switch IN-OUT2
GND
1
1
Ground
IN
2
2
I
Input voltage
OC1
8
8
O
Overcurrent, open-drain output, active low, IN-OUT1
OC2
5
5
O
Overcurrent, open-drain output, active low, IN-OUT2
OUT1
7
7
O
Power-switch output, IN-OUT1
OUT2
6
6
O
Power-switch output, IN-OUT2
PowerPad
PowerPad
Connect to GND
Functional Block Diagram (TPS2060 and TPS2064)
A.
Current sense.
B.
Active low (ENx) for TPS2060. Active high (ENx) for TPS2064.
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS2064DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2064DGNG4 TI-TPS2064DGNG4 Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064DGNG4 TI1-TPS2064DGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2064DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com