Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2065DGNR-1G4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS2065DGNR-1G4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DGNR-1G4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2065DGNR-1G4 Datasheet HTML 7Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 8Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 9Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 10Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 11Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 12Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 13Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 14Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
1.34
1.36
1.38
1.4
1.42
1.44
1.48
1.5
1.52
1.54
1.56
−50
0
50
100
150
1.46
VI = 3.3 V
VI = 5 V
VI = 3.3 V
VI = 5.5 V
TJ − Junction Temperature − 5C
VI = 2.7 V
0
20
40
60
80
100
120
−50
0
50
100
150
Out1 = 5 V
Out1 = 3.3 V
Out1 = 2.7 V
IO = 0.5 A
TJ − Junction Temperature − 5C
2.1
2.14
2.18
2.22
2.26
2.3
−50
0
50
100
150
UVLO Rising
UVLO Falling
TJ − Junction Temperature − 5C
1.5
1.7
1.9
2.1
2.3
2.5
2.5
3
3.5
4
4.5
5
5.5
6
TA = 255C
Load Ramp = 1A/10 ms
VI − Input Voltage − V
TPS2062-1
TPS2065-1
TPS2066-1
SLVS714 – FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
SHORT-CIRCUIT OUTPUT CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 18.
Figure 19.
THRESHOLD TRIP CURRENT
UNDERVOLTAGE LOCKOUT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 20.
Figure 21.
11
Submit Documentation Feedback


Numéro de pièce similaire - TPS2065DGNR-1G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2065DGNR TI-TPS2065DGNR Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNR TI-TPS2065DGNR Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNRG4 TI-TPS2065DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNRG4 TI-TPS2065DGNRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2065DGNR-1G4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com