Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2065DGNR-1G4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS2065DGNR-1G4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DGNR-1G4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2065DGNR-1G4 Datasheet HTML 5Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 6Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 7Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 8Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 9Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 10Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 11Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 12Page - Texas Instruments TPS2065DGNR-1G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
3
4
5
6
VI − Input Voltage − V
CL = 100 mF,
RL = 5 W,
TA = 255C
1.5
1.6
1.7
1.8
1.9
2
2
3
4
5
6
CL = 100 mF,
RL = 5 W,
TA = 255C
VI − Input Voltage − V
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
4
5
6
VI − Input Voltage − V
CL = 1 mF,
RL = 5 W,
TA = 255C
0
0.05
0.1
0.15
0.2
0.25
2
3
4
5
6
CL = 1 mF,
RL = 5 W,
TA = 255C
VI − Input Voltage − V
TPS2062-1
TPS2065-1
TPS2066-1
SLVS714 – FEBRUARY 2007
TURNON TIME
TURNOFF TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 10.
Figure 11.
RISE TIME
FALL TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 12.
Figure 13.
9
Submit Documentation Feedback


Numéro de pièce similaire - TPS2065DGNR-1G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2065DGNR TI-TPS2065DGNR Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNR TI-TPS2065DGNR Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNRG4 TI-TPS2065DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGNRG4 TI-TPS2065DGNRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2065DGNR-1G4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com