Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2411PWG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS2411PWG4
Description  Full Featured N1 and ORing Power Rail Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2411PWG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2411PWG4 Datasheet HTML 3Page - Texas Instruments TPS2411PWG4 Datasheet HTML 4Page - Texas Instruments TPS2411PWG4 Datasheet HTML 5Page - Texas Instruments TPS2411PWG4 Datasheet HTML 6Page - Texas Instruments TPS2411PWG4 Datasheet HTML 7Page - Texas Instruments TPS2411PWG4 Datasheet HTML 8Page - Texas Instruments TPS2411PWG4 Datasheet HTML 9Page - Texas Instruments TPS2411PWG4 Datasheet HTML 10Page - Texas Instruments TPS2411PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DETAILED DESCRIPTION
-470.02
R(RSET)
V
- 0.00314
(OFF)
æ
ö
ç
÷
=
ç
÷
è
ø
(1)
TPS2410
TPS2411
SLVS727B – NOVEMBER 2006 – REVISED FEBRUARY 2007
The following descriptions refer to the pinout and the functional block diagram.
A, C: The A pin serves as the simulated diode anode and the C as the cathode. GATE is driven high when V(AC)
exceeds 10 mV. Both devices provide a strong GATE pull-down when V(AC) is less than the programmable fast
turn-off threshold. The TPS2410 has a soft pull-down when V(AC) is less than 10 mV but above the fast turn-off
threshold.
Several internal comparator and amplifier circuits monitor these two pins. The inputs are protected from excess
differential voltage by a clamp diode and series resistance. If C falls below A by more than about 0.7 V, a small
current flows out of A. Protect the internal circuits with an external clamp if C can be more than 6 V lower
than A. A small signal clamp diode and 1-k
Ω resistor, or circuit per Figure 18 are suitable.
The internal charge pump output, which provides bias power to the comparators and voltage to drive GATE, is
referenced to A. Some charge pump current appears on A due to this topology. The A and C pins should be
Kelvin connected to the MOSFET source and drain. A and C connections should also be short and low
impedance, with special attention to the A connection. Residual noise from the charge pump can be reduced
with a bypass capacitor at A if the application permits.
BYP: BYP is the internal charge pump output, and the positive supply voltage for internal comparator circuits
and GATE driver. A capacitor must be connected from BYP to A. While the capacitor value is not critical, a
2200-pF ceramic is recommended. Traces to this part must be kept short and low impedance to provide
adequate filtering. Shorting this pin to a voltage below A damages the TPS2410/11.
FLTR: The internal fast comparator input may be filtered by placing a small capacitor from FLTR to A. This is
useful in situations where the ambient noise or transients might falsely trigger a MOSFET turnoff. While C(FLTR)
will suppress small transients, large voltage reversals will see relatively small additional turn-off delay.
FLTR is clamped to C and should only be used with a capacitor as shown in Figure 14. Connections to FLTR
should be short and direct to minimize parasitic capacitive loading and crosstalk. The filter pin may not be
shorted to any other voltage.
FLTB: The FLTB pin is the open-drain fault output. FLTB sinks current when the MOSFET should be enabled,
but either there is no GATE voltage, V(AC) is greater than 0.4 V with GATE driven ON, the internal UVLO is not
satisfied. FLTB has a 3-ms deglitch filter on the falling edge to prevent transients from creating false signals.
FLTB may not be valid at voltages below the internal VDD UVLO.
GATE: Gate connects to the external N channel MOSFET gate. GATE is driven positive with respect to A by a
driver operating from the voltage on BYP. A time-limited high current discharge source pulls GATE to GND when
the fast turn-off comparator is activated. The high-current discharge is followed by a sustaining pull-down. The
turn-off circuits are disabled by the thermal shutdown, leaving a resistive pull-down to keep the gate from
floating. The gate connection should be kept low impedance to maximize turn-off current.
GND: This is the input supply reference. GND should have a low impedance connection to the ground plane. It
carries several Amperes of rapid-rising discharge current when the external MOSFET is turned off, and also
carries significant charge pump currents.
RSET: A resistor connected from this pin to GND sets the MOSFET fast turn-off comparator threshold. The
threshold is slightly positive when the RSET pin is left open. Current drawn by the resistor programs the turn-off
voltage to increasing negative values. The TPS2411 must have a negative threshold programmed to avoid an
unstable condition at light load. The expression for R(RSET) in terms of the fast comparator-trip voltage, V(OFF),
follows.
The units of the numerator are (V
× V/A). V
(OFF) is positive for V(A) greater than V(C), V(OFF) is less than 3 mV,
and R(RSET) is in ohms.
RSVD: Connect to ground.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS2411PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2411PW TI1-TPS2411PW Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2411PW TI1-TPS2411PW Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2411PWR TI1-TPS2411PWR Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2411PWR TI1-TPS2411PWR Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2411PWRG4 TI1-TPS2411PWRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results

Description similaire - TPS2411PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com