Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40195 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40195
Description  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40195 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS40195 Datasheet HTML 1Page - Texas Instruments TPS40195 Datasheet HTML 2Page - Texas Instruments TPS40195 Datasheet HTML 3Page - Texas Instruments TPS40195 Datasheet HTML 4Page - Texas Instruments TPS40195 Datasheet HTML 5Page - Texas Instruments TPS40195 Datasheet HTML 6Page - Texas Instruments TPS40195 Datasheet HTML 7Page - Texas Instruments TPS40195 Datasheet HTML 8Page - Texas Instruments TPS40195 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
www.ti.com
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
1
2
3
4
EN
FB
COMP
VDD
TPS40195
5
6
7
8
ULVO
RT
ILIM
GND
16
15
14
13
HDRV
SW
BOOT
LDRV
12
11
10
9
BP
SS_SEL
PGOOD
SYNC
Power Good
V
OUT
UDG-06066
TPS40195
SLUS720 – FEBRUARY 2007
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
POWER GOOD
• Input Operating Voltage Range: 4.5 V to 20 V
Device Ratings
2
• Output Voltage as Low as 0.591 V ±0.5%
Electrical Characteristics
3
• 180° Bi-Directional Out-of-Phase
Typical Characteristics
5
Synchronization
Terminal Information
9
• Internal 5-V Regulator
Application Information
11
• High and Low MOSFET Sense Overcurrent
Design Example
20
Additional References
33
• 100 kHz to 600 kHz Switching Frequency
• Enable and Power Good
• Programmable UVLO and Hysteresis
The TPS40195 is a flexible synchronous buck
• Thermal Shutdown at 150°C
controller that operates from a nominal 4.5 V to 20 V
• Selectable Soft-Start
supply. This controller implements voltage mode
control with the switching frequency adjustable from
• Pre-Bias Output Safe
100 kHz to 600 kHz. Flexible features found on this
device
include
selectable
soft-start
time,
programmable
short
circuit
limit,
programmable
• Digital TV
undervoltage lockout (UVLO) and synchronization
• Entry-Level and Midrange Servers
capability. An adaptive anti-cross conduction scheme
• Networking Equipment
is used to prevent shoot through current in the power
FETs. Short-circuit detection is done by sensing the
• Non-Isolated DC-DC modules
voltage drop across the low-side MOSFET when it is
on, and comparing it with a user programmable
threshold.
SIMPLIFIED APPLICATION DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS40195

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PW TI-TPS40195PW Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWG4 TI-TPS40195PWG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWR TI-TPS40195PWR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
More results

Description similaire - TPS40195

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com