Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6040A4RHB Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPA6040A4RHB
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6040A4RHB Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA6040A4RHB Datasheet HTML 4Page - Texas Instruments TPA6040A4RHB Datasheet HTML 5Page - Texas Instruments TPA6040A4RHB Datasheet HTML 6Page - Texas Instruments TPA6040A4RHB Datasheet HTML 7Page - Texas Instruments TPA6040A4RHB Datasheet HTML 8Page - Texas Instruments TPA6040A4RHB Datasheet HTML 9Page - Texas Instruments TPA6040A4RHB Datasheet HTML 10Page - Texas Instruments TPA6040A4RHB Datasheet HTML 11Page - Texas Instruments TPA6040A4RHB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
PO − Output Power − W
10m
100m
1
0.01
0.1
20
4
Gain = 6 dB
RL = 4 Ω
G005
1
10
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
PO − Output Power − W
10m
100m
1
0.01
0.1
20
4
Gain = 6 dB
RL = 8 Ω
G006
1
10
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
PO − Output Power − W
100
µ
1m
100m
0.001
0.01
10
1
Gain = 3.5 dB
RL = 16 Ω
VCC = 5 V
G007
0.1
1
10m
In Phase
VCC = 5 V
PO − Output Power − W
100
µ
1m
100m
0.001
0.01
10
1
Gain = 3.5 dB
RL = 32 Ω
VCC = 5 V
G008
0.1
1
10m
VCC = 5 V
In Phase
TPA6040A4
SLOS519A – APRIL 2007 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE (SP)
TOTAL HARMONIC DISTORTION + NOISE (SP)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION + NOISE (HP)
TOTAL HARMONIC DISTORTION + NOISE (HP)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
8
Submit Documentation Feedback


Numéro de pièce similaire - TPA6040A4RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6040A4 TI-TPA6040A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI1-TPA6040A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

Description similaire - TPA6040A4RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com