Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3120D2PWP Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3120D2PWP
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3120D2PWP Fiches technique(HTML) 4 Page - Texas Instruments

  TPA3120D2PWP Datasheet HTML 1Page - Texas Instruments TPA3120D2PWP Datasheet HTML 2Page - Texas Instruments TPA3120D2PWP Datasheet HTML 3Page - Texas Instruments TPA3120D2PWP Datasheet HTML 4Page - Texas Instruments TPA3120D2PWP Datasheet HTML 5Page - Texas Instruments TPA3120D2PWP Datasheet HTML 6Page - Texas Instruments TPA3120D2PWP Datasheet HTML 7Page - Texas Instruments TPA3120D2PWP Datasheet HTML 8Page - Texas Instruments TPA3120D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
DC CHARACTERISTICS
AC CHARACTERISTICS
TPA3120D2
SLOS507C – MARCH 2007 – REVISED MAY 2007
T
A = 25°C, VCC = 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
| VOS |
(measured differentially in BTL
VI = 0 V, AV = 36 dB
7.5
50
mV
mode as shown in Fig 30)
V(BYPASS)
Bypass output voltage
No load
AVCC/8
V
ICC(q)
Quiescent supply current
SD = 2 V, MUTE = 0 V, No load
23
37
mA
ICC(q)
Quiescent supply current in
MUTE = 0.8 V, No load
23
mA
mute mode
ICC(q)
Quiescent supply current in
SD = 0.8 V , No load
0.39
1
mA
shutdown mode
rDS(on)
Drain-source on-state
200
m
resistance
GAIN0 = 0.8 V
18
20
22
GAIN1 = 0.8 V
GAIN0 = 2 V
24
26
28
G
Gain
dB
GAIN0 = 0.8 V
30
32
34
GAIN = 2 V
GAIN0 = 2 V
34
36
38
Mute Attenuation
VI = 1Vrms
-82
dB
T
A = 25°C, VCC = 24 V, RL = 4Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 24, Vripple = 200 mVPP
100 Hz
–48
ksvr
Supply ripple rejection
dB
Gain = 20 dB
1 kHz
–52
VCC = 24 V, RL = 4 Ω, f = 1 kHz
16
Output Power at 1% THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
8
PO
W
VCC = 24 V, RL = 4 Ω, f = 1 kHz
20
Output Power at 10% THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
10
RL = 4 Ω, f = 1 kHz, PO = 10 W
0.08%
Total harmonic distortion +
THD+N
noise
RL = 8 Ω, f = 1 kHz, PO = 5 W
0.08%
85
µV
20 Hz to 22 kHz, A-weighted filter,
Vn
Output integrated noise floor
Gain = 20 dB
-80
dBV
Crosstalk
PO = 1 W, f = 1kHz; Gain = 20 dB
-60
dB
Max Output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
99
dB
Gain = 20 dB
Thermal trip point
150
°C
Thermal hysteresis
30
°C
fOSC
Oscillator frequency
230
250
270
kHz
4
Submit Documentation Feedback


Numéro de pièce similaire - TPA3120D2PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPR TI-TPA3120D2PWPR Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3120D2PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com