Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3107D2PAP Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPA3107D2PAP
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2PAP Fiches technique(HTML) 5 Page - Texas Instruments

  TPA3107D2PAP Datasheet HTML 1Page - Texas Instruments TPA3107D2PAP Datasheet HTML 2Page - Texas Instruments TPA3107D2PAP Datasheet HTML 3Page - Texas Instruments TPA3107D2PAP Datasheet HTML 4Page - Texas Instruments TPA3107D2PAP Datasheet HTML 5Page - Texas Instruments TPA3107D2PAP Datasheet HTML 6Page - Texas Instruments TPA3107D2PAP Datasheet HTML 7Page - Texas Instruments TPA3107D2PAP Datasheet HTML 8Page - Texas Instruments TPA3107D2PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
PVCCR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PGNDL
PVCCL
PVCCL
NC
NC
RINN
RINP
AGND
LINP
LINN
GAIN1
MSTR/SLV
NC
NC
PGNDR
NC
GAIN0
17 18 19 20 21 22 23 24
29 30 31 32
33
34
35
36
41
42
43
44
45
46
47
48
64
63
62 61 60 59 58 57
52 51 50
49
1
2
3
4
5
6
7
8
13
14
15
16
Exposed
ThermalPad
9
10
11
12
25 26 27
28
56 55 54
53
37
38
39
40
NC
PGNDL
NC
NC
NC
NC
NC
NC
NC
NC
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
64 PIN, HTQFP PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Shutdown signal for IC (LOW = disabled, HIGH = operational). TTL logic levels
SHUTDOWN
61
I
with compliance to AVCC. (Active low)
RINN
5
I
Negative audio input for right channel. Biased at VREG/2.
RINP
6
I
Positive audio input for right channel. Biased at VREG/2.
LINN
9
I
Negative audio input for left channel. Biased at VREG/2.
LINP
8
I
Positive audio input for left channel. Biased at VREG/2.
GAIN0
10
I
Gain select least significant bit. TTL logic levels with compliance to VREG.
GAIN1
11
I
Gain select most significant bit. TTL logic levels with compliance to VREG.
Mute signal for quick disable/enable of outputs (HIGH = outputs high-Z, LOW =
MUTE
62
I
outputs enabled). TTL logic levels with compliance to AVCC. (Active high)
TTL compatible output. HIGH = short-circuit fault. LOW = no fault. Only reports
FAULT
63
O
short-circuit faults. Thermal faults are not reported on this terminal.
BSLP
26
I/O
Bootstrap I/O for left channel, positive high-side FET.
Power supply for left channel H-bridge, not internally connected to PVCCR or
PVCCL
35, 36
AVCC.
LOUTP
27, 28
O
Class-D 1/2-H-bridge positive output for left channel.
PGNDL
37, 38
Power ground for left channel H-bridge.
LOUTN
29, 30
O
Class-D 1/2-H-bridge negative output for left channel.
BSLN
31
I/O
Bootstrap I/O for left channel, negative high-side FET.
VCLAMPL
40
Internally generated voltage supply for left channel bootstrap capacitor.
VCLAMPR
41
Internally generated voltage supply for right channel bootstrap capacitor.
BSRN
50
I/O
Bootstrap I/O for right channel, negative high-side FET.
ROUTN
51, 52
O
Class-D 1/2-H-bridge negative output for right channel.
PGNDR
43, 44
Power ground for right channel H-bridge.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPA3107D2PAP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3107D2PAP TI1-TPA3107D2PAP Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPG4 TI1-TPA3107D2PAPG4 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI1-TPA3107D2PAPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3107D2PAP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com