Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB560 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FSB560
Description  NPN Low Saturation Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB560 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FSB560 Datasheet HTML 1Page - Fairchild Semiconductor FSB560 Datasheet HTML 2Page - Fairchild Semiconductor FSB560 Datasheet HTML 3Page - Fairchild Semiconductor FSB560 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
75
IC = 100 mA,VCE = 5 V, f=100MHz
Transition Frequency
fT
pF
30
VCB = 10 V, IE = 0, f = 1MHz
Output Capacitance
Cobo
SMALL SIGNAL CHARACTERISTICS
V
1
IC = 1 A, VCE = 2 V
Base-Emitter On Voltage
VBE(on)
V
1.25
IC = 1 A, IB = 100 mA
Base-Emitter Saturation Voltage
VBE(sat)
mV
300
350
300
IC = 1 A, IB = 100 mA
IC = 2 A, IB=200 mA FSB560
FSB560A
Collector-Emitter Saturation Voltage
VCE(sat)
-
300
550
70
100
250
80
40
IC = 100 mA, VCE = 2 V
IC=500mA, VCE =2V FSB560
FSB560A
IC = 1 A, VCE = 2 V
IC = 2 A, VCE = 2 V
DC Current Gain
hFE
ON CHARACTERISTICS*
nA
100
VEB = 4V
Emitter Cutoff Current
IEBO
nA
uA
100
10
VCB = 30 V
VCB = 30 V, TA=100°C
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
80
IC = 100
µA
Collector-Base Breakdown Voltage
BVCBO
V
60
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
NPN Low Saturation Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
FSB560/FSB560A, Rev B1
© 1998 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FSB560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB560 FAIRCHILD-FSB560 Datasheet
208Kb / 7P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB560 ONSEMI-FSB560 Datasheet
506Kb / 5P
   PN Low-Saturation Transistor
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSB560A FAIRCHILD-FSB560A Datasheet
208Kb / 7P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB560A ONSEMI-FSB560A Datasheet
506Kb / 5P
   PN Low-Saturation Transistor
December-2017, Rev. 2
More results

Description similaire - FSB560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
FPN560 FAIRCHILD-FPN560 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB649 FAIRCHILD-FSB649 Datasheet
30Kb / 3P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB619 ONSEMI-FSB619 Datasheet
251Kb / 7P
   NPN Low-Saturation Transistor
September 2015 Rev. 2.2
FMMT449 ONSEMI-FMMT449 Datasheet
124Kb / 5P
   NPN Low Saturation Transistor
Rev. A
logo
Fairchild Semiconductor
FPN330A FAIRCHILD-FPN330A Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN330 FAIRCHILD-FPN330 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN530 FAIRCHILD-FPN530 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com