Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6123 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL6123
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL6123 Datasheet HTML 1Page - Intersil Corporation ISL6123 Datasheet HTML 2Page - Intersil Corporation ISL6123 Datasheet HTML 3Page - Intersil Corporation ISL6123 Datasheet HTML 4Page - Intersil Corporation ISL6123 Datasheet HTML 5Page - Intersil Corporation ISL6123 Datasheet HTML 6Page - Intersil Corporation ISL6123 Datasheet HTML 7Page - Intersil Corporation ISL6123 Datasheet HTML 8Page - Intersil Corporation ISL6123 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN9005.8
February 5, 2007
Pin Descriptions
PIN #
PIN NAME
FUNCTION
DESCRIPTION
23
VDD
Chip Bias
Bias IC from nominal 1.5V to 5V
10
GND
Bias Return
IC ground
1
ENABLE_1/
ENABLE#_1
Input to start on/off
sequencing.
Input to initiate the start of the programmed sequencing of supplies on or off. Enable functionality
is disabled for 10ms after UVLO is satisfied. ISL6123 and ISL6130 have ENABLE. ISL6124,
ISL6125, ISL6126 and ISL6127 have ENABLE#. Only ISL6128 has 2 ENABLE# inputs, 1 for
each 2 channel grouping. EN_1# for (A, B), and EN_2# for (C, D).
11
ENABLE#_2
24
RESET#
RESET# Output
RESET# provides a low signal 150ms after all GATEs are fully enhanced. This delay is for
stabilization of output voltages. RESET# will assert low upon UVLO not being satisfied or
ENABLE/ENABLE# being deasserted. The RESET outputs are open drain N channel FET and is
guaranteed to be in the correct state for VDD down to 1V and is filtered to ignore fast transients on
VDD and UVLO_X.
RESET#_2 only exists on ISL6128 for (C, D) group I/O.
9
RESET#_2
20
UVLO_A
Under Voltage Lock
Out/Monitoring
Input
These inputs provide for a programmable UV lockout referenced to an internal 0.633V reference
and are filtered to ignore short (<30µs) transients below programmed UVLO level.
12
UVLO_B
17
UVLO_C
14
UVLO_D
21
DLY_ON_A
Gate On Delay
Timer Output
Allows for programming the delay and sequence for Vout turn-on using a capacitor to ground. Each
cap is charged with 1µA, 10ms after turn-on initiated by ENABLE/ENABLE# with an internal current
source providing delay to the associated FETs GATE turn-on.
These pins are NC on ISL6126, ISL6127 and ISL6130.
8DLY_ON_B
16
DLY_ON_C
15
DLY_ON_D
18
DLY_OFF_A
Gate Off Delay
Timer Output
Allows for programming the delay and sequence for Vout turn-off through ENABLE/ENABLE# via a
capacitor to ground. Each cap is charged with a 1µA internal current source to an internal reference
voltage causing the corresponding gate to be pulled down turning-off the FET.
These pins are NC on ISL6127.
13
DLY_OFF_B
3
DLY_OFF_C
4
DLY_OFF_D
2
GATE_A
FET Gate Drive
Output
ISL6125 Open
Drain Outputs
Drives the external FETs with a 1µA current source to soft start ramp into the load.
On the ISL6125 only, these are open drain outputs that can be pulled up to a maximum of
VDD voltage.
5GATE_B
6GATE_C
7GATE_D
22
SYSRST#
System Reset I/O
As an input, allows for immediate and unconditional latch-off of all GATE outputs when driven low.
This input can also be used to initiate the programmed sequence with ‘zero’ wait (no 10ms
stabilization delay) from input signal on this pin being driven high to first GATE. As an output when
there is a UV condition, this pin pulls low. If common to other SYSRST# pins in a multiple IC
configuration, it will cause immediate and unconditional latch-off of all other GATEs on all other
ISL612X sequencers. This pin is a NC on ISL6126 and ISL6128 and ISL6130.
19
No Connect
No Connect
No Connect
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Numéro de pièce similaire - ISL6123

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL6123 RENESAS-ISL6123 Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
ISL6123EVAL1Z RENESAS-ISL6123EVAL1Z Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
logo
Intersil Corporation
ISL6123EVAL1Z INTERSIL-ISL6123EVAL1Z Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
More results

Description similaire - ISL6123

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com