Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6679 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDS6679
Description  30 Volt P-Channel PowerTrench짰 MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDS6679_05 Datasheet HTML 1Page - Fairchild Semiconductor FDS6679_05 Datasheet HTML 2Page - Fairchild Semiconductor FDS6679_05 Datasheet HTML 3Page - Fairchild Semiconductor FDS6679_05 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDS6679 Rev C1 (W)
Typical Characteristics
0
10
20
30
40
50
0
0.5
1
1.5
2
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-2.5V
-3.0V
-3.5V
-4.0V
-4.5V
-6.0V
0.6
1
1.4
1.8
2.2
2.6
3
0
1020
3040
50
-ID, DIRAIN CURRENT (A)
VGS = -3.0V
-4.5V
-6.0V
-3.5V
-4.0V
-5.0V
-10V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -13A
VGS = -10V
0
0.01
0.02
0.03
0.04
22.533.544.5
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -7.0A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1.5
2
2.5
3
3.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -125
oC
25
oC
-55
oC
VDS = -5.0V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Numéro de pièce similaire - FDS6679_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
FDS6679AZ-NL VBSEMI-FDS6679AZ-NL Datasheet
995Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ_08 Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results

Description similaire - FDS6679_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com