Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS2570 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDS2570
Description  150V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2570 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDS2570_01 Datasheet HTML 1Page - Fairchild Semiconductor FDS2570_01 Datasheet HTML 2Page - Fairchild Semiconductor FDS2570_01 Datasheet HTML 3Page - Fairchild Semiconductor FDS2570_01 Datasheet HTML 4Page - Fairchild Semiconductor FDS2570_01 Datasheet HTML 5Page - Fairchild Semiconductor FDS2570_01 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS2570 Rev C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 1)
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 75 V,
ID = 4.4 A
375
mJ
IAR
Maximum Drain-Source Avalanche
Current
4.4
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
150
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
150
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 120 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
NA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V
VDS = 0 V
–100
NA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
22.6
4
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
-7
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 4 A
VGS = 6 V,
ID = 3.8 A
VGS = 10 V, ID = 4 A, TJ = 125
°C
60
63
120
80
90
158
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 10 V
30
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 4 A
20
S
Dynamic Characteristics
Ciss
Input Capacitance
1907
PF
Coss
Output Capacitance
117
PF
Crss
Reverse Transfer Capacitance
VDS = 75 V,
V GS = 0 V,
f = 1.0 MHz
33
PF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
12
19
Ns
tr
Turn–On Rise Time
7
14
Ns
td(off)
Turn–Off Delay Time
41
65
Ns
tf
Turn–Off Fall Time
VDD = 75 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
21
34
Ns
Qg
Total Gate Charge
39
62
NC
Qgs
Gate–Source Charge
7
NC
Qgd
Gate–Drain Charge
VDS = 75 V,
ID = 4 A,
VGS = 10 V
9NC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.1 A
(Note 2)
0.7
1.2
V


Numéro de pièce similaire - FDS2570_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
More results

Description similaire - FDS2570_01

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 79A, 16m?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com