Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6632 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FDD6632
Description  N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6632 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FDD6632_04 Datasheet HTML 3Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 4Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 5Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 6Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 7Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 8Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 9Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 10Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD6632 Rev. B1
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the TO-252
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2. The area, in square inches is the top copper
area including the gate and source pads.
(EQ. 1)
P
DM
T
JM
T
A
()
RθJA
-----------------------------
=
(EQ. 2)
RθJA
33.32
23.84
0.268
Area
+
()
-------------------------------------
+
=
25
50
75
100
125
0.01
0.1
1
10
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 33.32 + 23.84/(0.268+Area)
AREA, TOP COPPER AREA (in2)


Numéro de pièce similaire - FDD6632_04

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Inchange Semiconductor ...
FDD6632 ISC-FDD6632 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FDD6632_04

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Intersil Corporation
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
   9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3_12 Datasheet
375Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com