Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI12000M35 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce SI12000M35
Description  SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

SI12000M35 Fiches technique(HTML) 2 Page - NTE Electronics

  SI12000M35 Datasheet HTML 1Page - NTE Electronics SI12000M35 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP–IN MOUNT ALUMINUM ELECTROLYTIC
SI SERIES
13
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SI Series Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
16
25
35
50
63
80
100
160
200
250
450
47
22 x 30
56
22 x 25
68
22 x 50
82
22 x 30
100
22 x 20
25 x 20
22 x 35
120
22 x 40
150
22 x 25
22 x 30
22 x 50
180
25 x 45
220
22 x 20
22 x 30
22 x 40
25 x 50
270
22 x 25
30 x 45
330
22 x 25
22 x 30
22 x 35
30 x 50
390
22 x 30
35 x 45
470
22 x 30
22 x 35
22 x 45
35 x 50
560
25 x 40
22 x 40
25 x 45
35 x 60
680
22 x 40
22 x 45
30 x 50
35 x 70
820
22 x 45
25 x 45
30 x 45
1000
22 x 30
22 x 20
22 x 30
22 x 40
25 x 45
25 x 50
30 x 50
1500
22 x 40
22 x 50
30 x 50
2200
22 x 25
22 x 25
22 x 30
22 x 40
22 x 50
22 x 50
2700
20 x 30
22 x 45
3300
22 x 20
22 x 25
22 x 30
22 x 40
22 x 50
25 x 50
25 x 50
3900
20 x 30
20 x 40
25 x 45
4700
22 x 25
22 x 30
22 x 40
22 x 50
22 x 50
25 x 35
30 x 50
5600
20 x 30
25 x 35
30 x 45
35 x 45
6800
22 x 30
22 x 40
22 x 50
25 x 50
25 x 50
30 x 50
8200
22 x 30
25 x 45
35 x 50
10000
20 x 35
22 x 50
25 x 50
30 x 50
35 x 40
35 x 70
12000
30 x 45
35 x 50
15000
22 x 50
25 x 50
30 x 50
18000
35 x 45
22000
22 x 45
30 x 50
30 x 50
33000
25 x 50
*
These dimensions are for reference only, please consult the factory for actual size.


Numéro de pièce similaire - SI12000M35

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
SI120DC50 TELEDYNE-SI120DC50 Datasheet
279Kb / 4P
   Output to 100A, 1700 Vdc
More results

Description similaire - SI12000M35

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com