Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59442IB-T13 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL59442IB-T13
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB-T13 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL59442IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 9Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7452.4
January 5, 2007
FIGURE 15. CHANNEL TO CHANNEL SWITCHING GLITCH
VIN =0V, RS = 25, CL = 23.6pF
FIGURE 16.
CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V, RS = 25, CL = 23.6pF
FIGURE 17. HIZ SWITCHING GLITCH
VIN = 0V, RS = 25,
CL = 23.6pF
FIGURE 18. HIZ TRANSIENT RESPONSE
VIN = 1V, RS = 25,
CL = 23.6pF
FIGURE 19. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 20. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
0
0
20ns/DIV
VOUT
S0, S1
0
0
20ns/DIV
VOUT
S0, S1
0
0
20ns/DIV
VOUT
HIZ
0
0
20ns/DIV
VOUT
HIZ
TIME (4ns/DIV)
120
80
40
0
-40
-80
-120
160
-160
CL = 1.6pF
RL = 500Ω
TIME (4ns/DIV)
2
1.6
1.2
0.8
0.4
0
-0.4
-0.8
2.4
CL = 23.6pF
RS = 25Ω
RL = 500Ω
ISL59442


Numéro de pièce similaire - ISL59442IB-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T13 RENESAS-ISL59442IB-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Description similaire - ISL59442IB-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com