Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59885IS-T13R5218 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL59885IS-T13R5218
Description  Auto-Adjusting Sync Separator for HD and SD Video
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885IS-T13R5218 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL59885IS-T13R5218 Datasheet HTML 1Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 2Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 3Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 4Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 5Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 6Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 7Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 8Page - Intersil Corporation ISL59885IS-T13R5218 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7442.5
August 9, 2006
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
COMPOSITE
SYNC OUT
Composite sync pulse output; sync pulses start on a falling edge and end on a rising edge
2
COMPOSITE
VIDEO IN
AC coupled composite video input; sync tip must be at the lowest potential (positive picture phase)
3
VERTICAL
SYNC OUT
Vertical sync pulse output; the falling edge of vert sync is the start of the vertical period
4
GND
Supply ground
5HD
Low when input horizontal frequency is greater than 20kHz
6
CSET
(An external capacitor to ground); bypass pin for internal bias generator.
7
HORIZONTAL
OUTPUT
Horizontal output; falling edge active
8
VDD
Positive supply
Typical Performance Curves
FIGURE 1. HSYNC vs VCSET (RSET = OPEN)
FIGURE 2. HSYNC PULSEWIDTH vs HSYNC FREQUENCY
(RSET = OPEN)
FIGURE 3. HSYNC vs VCSET (RSET = OPEN)
FIGURE 4. MACROVISION COMPATIBILITY (NTSC)
HSYNC (kHz)
VDD=3.3 & 5.0V
HSYNC FREQUENCY (kHZ)
VDD=3.3 & 5.0V
VCSET (V)
VDD=3.3 & 5.0V
0.5V/DIV
5V/DIV
5V/DIV
5V/DIV
HSYNC
VSYNC
CSYNC
VIN
100
µs/DIV
ISL59885


Numéro de pièce similaire - ISL59885IS-T13R5218

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59885IS INTERSIL-ISL59885IS Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS INTERSIL-ISL59885IS Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885ISZ RENESAS-ISL59885ISZ Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Description similaire - ISL59885IS-T13R5218

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com