Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59885IS-T7 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL59885IS-T7
Description  Auto-Adjusting Sync Separator for HD and SD Video
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885IS-T7 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL59885IS-T7 Datasheet HTML 6Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 7Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 8Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 9Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 10Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 11Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 12Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 13Page - Intersil Corporation ISL59885IS-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7442.5
August 9, 2006
FIGURE 15. HORIZONTAL INTERVAL (HDTV) (720p)
SYNCIN
CONDITIONS: VDD = 3.3V/5V, TA = 25°C
tdSYNCOUT
tdHOUT
THOUT
SYNC OUT
HOUT
H Timing for HDTV, With Filter (using 720p input)
PARAMETER
DESCRIPTION
CONDITIONS
TYP
@ 3.3V
(Note 1)
TYP
@ 5V
(Note 1)
UNIT
tdSYNCOUT
SYNCOUT Timing Relative to Input
See Figure 15
120
110
ns
tdHOUT
HOUT Timing Relative to Input
See Figure 15
112
100
ns
THOUT
Horizontal Output Width
See Figure 15
200
200
ns
NOTE:
1. Delay variation is less than 2.5ns over temperature range.
ISL59885


Numéro de pièce similaire - ISL59885IS-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59885IS INTERSIL-ISL59885IS Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS INTERSIL-ISL59885IS Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885ISZ RENESAS-ISL59885ISZ Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Description similaire - ISL59885IS-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com