Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10ETF06PBF Fiches technique(PDF) 4 Page - International Rectifier

No de pièce 10ETF06PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

10ETF06PBF Fiches technique(HTML) 4 Page - International Rectifier

  10ETF06PBF Datasheet HTML 1Page - International Rectifier 10ETF06PBF Datasheet HTML 2Page - International Rectifier 10ETF06PBF Datasheet HTML 3Page - International Rectifier 10ETF06PBF Datasheet HTML 4Page - International Rectifier 10ETF06PBF Datasheet HTML 5Page - International Rectifier 10ETF06PBF Datasheet HTML 6Page - International Rectifier 10ETF06PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10ETF06PbF QUIET
IR Series
Bulletin I2187 12/04
www.irf.com
Fig. 8 - Recovery Time Characteristics, T
J = 25°C
Fig. 9 - Recovery Time Characteristics, T
J = 150°C
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
40
60
80
100
120
140
160
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
10ETF.. Series
40
60
80
100
120
140
160
180
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
J
10ETF.. Series
1
10
100
0.5
1
1.5
2
2.5
3
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
10ETF.. Series
0
0.05
0.1
0.15
0.2
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
5 A
1 A
I
= 20 A
FM
2 A
10ETF.. Series
T = 25 °C
J
0
0.1
0.2
0.3
0.4
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
5 A
1 A
I
= 20 A
FM
2 A
10ETF.. Series
T = 150 °C
J


Numéro de pièce similaire - 10ETF06PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
10ETF06PBF VISHAY-10ETF06PBF Datasheet
831Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
10ETF06PbF VISHAY-10ETF06PbF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
More results

Description similaire - 10ETF06PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
40EPF06PBF IRF-40EPF06PBF Datasheet
165Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com