Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL4544 Fiches technique(PDF) 20 Page - Intersil Corporation

No de pièce EL4544
Description  Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4544 Fiches technique(HTML) 20 Page - Intersil Corporation

Back Button EL4544_07 Datasheet HTML 16Page - Intersil Corporation EL4544_07 Datasheet HTML 17Page - Intersil Corporation EL4544_07 Datasheet HTML 18Page - Intersil Corporation EL4544_07 Datasheet HTML 19Page - Intersil Corporation EL4544_07 Datasheet HTML 20Page - Intersil Corporation EL4544_07 Datasheet HTML 21Page - Intersil Corporation EL4544_07 Datasheet HTML 22Page - Intersil Corporation EL4544_07 Datasheet HTML 23Page - Intersil Corporation EL4544_07 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
FN7362.3
April 3, 2007
FIGURE 25. VOLTAGE NOISE vs FREQUENCY
FIGURE 26. SLEW RATE vs SUPPLY (VD)
FIGURE 27. SMALL SIGNAL NEGATIVE PULSE RESPONSE
FIGURE 28. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 29. LARGE SIGNAL NEGATIVE PULSE RESPONSE
FIGURE 30. LARGE SIGNAL POSITIVE PULSE RESPONSE
Typical Performance Curves (Continued)
100
100M
1K
1M
10k
1K
100
FREQUENCY (Hz)
10
100k
10M
10k
37
3.5
5.5
700
300
0
SUPPLY VOLTAGE (VD) VOLTS
100
4.5
6
5
4
500
6.5
600
200
400
AVIN=2
TIME (10ns/DIV)
OUTPUT
INPUT
AVIN=1
AVOUT=1
GNO
TIME (10ns/DIV)
AVIN=1
AVOUT=1
GPO
OUTPUT
INPUT
TIME (10ns/DIV)
INPUT
OUTPUT
AVIN=1
AVOUT=1
GPO
TIME (10ns/DIV)
INPUT
OUTPUT
AVIN=1
AVOUT=1
GNO
EL4544


Numéro de pièce similaire - EL4544_07

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
More results

Description similaire - EL4544_07

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com