Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54208IRZ-T Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL54208IRZ-T
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54208IRZ-T Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL54208IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54208IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6410.0
December 18, 2006
Input Current, ICTRLH
VDD = 3.6V, IN = 0V, CTRL = 3.6V
Full
-2
1.1
2
μA
CTRL Pull-Down Resistor, RCTRL
VDD = 3.6V, IN = 0V, CTRL = 3.6V
Full
-
4
-
M
Ω
NOTES:
4. VLOGIC = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parameters with limits are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. RON matching between channels is calculated by subtracting the channel with the highest max RON value from the channel with lowest max
RON value, between NC1 and NC2 or between NO1 and NO2.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH = 1.4V,
VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
50%
tr <20ns
tf <20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
COMx
NO or NC
IN
50
Ω
10pF
GND
VDD
C
CTRL
VINPUT
90%
VDD
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VIN
IN
COMx
RL
CL
VOUT
10pF
50
Ω
NOx
NCx
VDD
GND
VINPUT
C
CTRL
ISL54208


Numéro de pièce similaire - ISL54208IRZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54208IRZ-T RENESAS-ISL54208IRZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

Description similaire - ISL54208IRZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com