Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54207IRUZ-T Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL54207IRUZ-T
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54207IRUZ-T Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL54207IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6403.0
December 5, 2006
Figure 18 shows the differential gain (DG) and differential
phase (DP) plots at the output of the switch using an actual
NTSC composite video signal and a VM700A Video
Measurement Test Set. DG = 0.28% and DP = 0.04°.
These NC switches are uni-directional switches. The
audio/video sources should be connected at the NC side of
the switch (pins 7 and 8) and the speaker load and video
receiver should be connected at the COM side of the switch
(pins 3 and 4).
The NC switches are active (turned ON) whenever the VBUS
voltage is to VDD + 0.2V or floating and the CTRL voltage
to 1.4V.
Note: Whenever the NC switches are ON the USB
transceivers need to be in the high impedance state or static
high or low state.
NO1 and NO2 USB Switches
The two NO (normally open) USB switches (NO1, NO2) are
5
Ω bidirectional switches that are designed to pass
high-speed USB differential signals in the range of ±0V to
400mV. The switches have low capacitance and high
bandwidth to pass USB high-speed signals (480Mbps) with
minimum edge and phase distortion to meet USB 2.0 signal
quality specifications. See Figure 14 for High-speed Eye
Pattern taken with switch in the signal path.
The maximum signal range for the USB switches is from
-1.5V to VDD. The signal voltage at NO1 and NO2 should
not be allowed to exceed the VDD voltage rail or go below
ground by more than -1.5V.
The NO switches are active (turned ON) whenever the VBUS
voltage is to VDD + 0.8V. VBUS is internally pulled low, so
when VBUS is floating, the USB switches are OFF.
Note: Whenever the NO switches are ON, the audio and
video drivers need to be at AC or DC ground or floating to
keep from interfering with the data transmission.
ISL54207 Operation
The discussion that follows will discuss using the ISL54207 in
the typical application shown in the block diagram on page 8.
LOGIC CONTROL
The state of the ISL54207 device is determined by the
voltage at the VBUS pin (pin 2) and the CTRL pin (pin 10).
Refer to truth-table on page 2 of the data sheet.
The VBUS pin and CTRL pin are internally pulled low
through 4MΩ resistors to ground and can be left floating. The
CTRL control pin is only active when VBUS is logic “0”.
Logic control voltage levels:
VBUS = Logic “0” (Low) when VBUS VDD + 0.2V or
Floating.
VBUS = Logic “1” (High) when VBUS VDD + 0.8V
CTRL = Logic “0” (Low) when 0.5V or floating.
CTRL = Logic “1” (High) when 1.4V
Audio/Video Mode
If the VBUS pin = Logic “0” and CTRL pin = Logic “1,” the
part will be in the Audio/Video mode. In Audio/Video mode
the NC1 and NC2 3
Ω audio/video switches are ON and the
NO1 and NO2 5
Ω USB switches are OFF (high impedance).
In a typical application, VDD will be in the range of 2.7V to
3.6V and will be connected to the battery or LDO of the
media player. When a audio/video jack is plugged into the
common connector, nothing gets connected at the VBUS pin
(it is floating) and as long as the CTRL = Logic “1,” the
ISL54207 part remains in the audio/video mode and the
media player audio and video drivers can drive the speaker
and video display.
FIGURE 8. VECTOR-SCOPE PLOT BEFORE SWITCH
FIGURE 9. VECTOR-SCOPE PLOT AFTER SWITCH
ISL54207


Numéro de pièce similaire - ISL54207IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54207IRUZ-T RENESAS-ISL54207IRUZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

Description similaire - ISL54207IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com