Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28272 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL28272
Description  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28272 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL28272 Datasheet HTML 6Page - Intersil Corporation ISL28272 Datasheet HTML 7Page - Intersil Corporation ISL28272 Datasheet HTML 8Page - Intersil Corporation ISL28272 Datasheet HTML 9Page - Intersil Corporation ISL28272 Datasheet HTML 10Page - Intersil Corporation ISL28272 Datasheet HTML 11Page - Intersil Corporation ISL28272 Datasheet HTML 12Page - Intersil Corporation ISL28272 Datasheet HTML 13Page - Intersil Corporation ISL28272 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6390.0
December 8, 2006
Application Information
Product Description
The ISL28271 and ISL28272 are dual channel micropower
instrumentation amplifiers (in-amps) which deliver rail-to-rail
input amplification and rail-to-rail output swing. The in-amps
also deliver excellent DC and AC specifications while
consuming only about 120µA for both channels. Because
the independent pair of feedback terminals set the gain and
adjust the output zero level, the ISL28271 and ISL28272
achieve high CMRR regardless of the tolerance of the gain
setting resistors. The ISL28271 is internally compensated for
a minimum gain of 10. The ISL28272 is internally
compensated for a minimum gain of 100.
EN pins are available to independently enable or disable a
channel. When all channels are off, current consumption is
down to typically 4µA.
Input Protection
All input terminals and feedback terminals have internal ESD
protection diodes to both positive and negative supply rails,
limiting the input voltage to within one diode beyond the
supply rails. Input signals originating from low impedance
sources should have current limiting resistors in series with
the IN+ and IN- pins to prevent damaging currents during
power supply sequencing and other transient conditions.
The ISL28272 has additional back-to-back diodes across the
input terminals and also across the feedback terminals. If
overdriving the inputs is necessary, the external input current
must never exceed 5mA. External series resistors may be
used as an external protection to limit excessive external
voltage and current from damaging the inputs. On the other
hand, the ISL28271 has no clamps to limit the differential
voltage on the input terminals allowing higher differential
input voltages at lower gain applications. It is recommended
however, that the terminals of the ISL28271 are not
overdriven beyond 1V to avoid offset drift.
Input Stage and Input Voltage Range
The input terminals (IN+ and IN-) of the in-amps are a single
differential pair of CMOS devices aided by an Input Range
Enhancement Circuit, IREC, to increase the headroom of
operation of the common-mode input voltage. The feedback
terminals (FB+ and FB-) also have a similar topology. As a
result, the input common-mode voltage range is rail-to-rail
regardless of the feedback terminal settings and regardless
of the gain settings. They are able to handle input voltages
that are at or slightly beyond the supply and ground sensing
making these in-amps well suited for single 5V down to 2.4V
supply systems.
The IREC enables rail-to-rail input amplification without the
problems usually associated with the dual differential stage
topology. The IREC ensures that there are no drastic
changes in offset voltage over the entire range of the input.
See Input Offset Voltage vs Common-Mode Input Voltage in
performance charts. IREC also cures the abrupt change and
even reverse polarity of the input bias current over the whole
range of input.
Output Stage and Output Voltage Range
A Class AB common-source output stage drives the output.
The pair of complementary MOSFET devices drive the
output VOUT to within a few millivolts of the supply rails. At a
100k
Ω load, the PMOS sources current and pulls the output
up to 4mV below the positive supply. The NMOS sinks
current and pulls the output down to 4mV above the negative
supply, or ground in the case of a single supply operation.
The current sinking and sourcing capability are internally
limited to 31mA. When disabled, the outputs are in a high
impedance state.
Gain Setting
VIN, the potential difference across IN+ and IN-, is replicated
(less the input offset voltage) across FB+ and FB-. The
function of the in-amp is to maintain the differential voltage
across FB- and FB+ equal to IN+ and IN-; (FB- - FB+) =
(IN+ - IN-). Consequently, the transfer function can be
derived. The in-amp gain is set by two external resistors, the
feedback resistor RF, and the gain resistor RG.
In Figure 37, the FB+ pin and one end of resistor RG are
connected to GND. With this configuration, the above gain
equation (Equation 1) is only true for a positive swing in VIN;
negative input swings will be ignored because the output will
be at ground.
Reference Connection
Unlike a three op-amp in-amp realization, a finite series
resistance seen at the REF terminal does not degrade the
high CMRR performance eliminating the need for an
+
-
+
-
IN+
IN-
FB+
FB-
V+
V-
EN
2.4V to 5V
RF
RG
VOUT
EN
ISL28271
VCM
IN+
IN-
FIGURE 37. GAIN IS SET BY TWO EXTERNAL RESISTORS,
RF AND RG
ISL28272
VOUT
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
VIN
=
VIN
IN+
IN-
=
(EQ. 1)
ISL28271, ISL28272


Numéro de pièce similaire - ISL28272

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28272 INTERSIL-ISL28272 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28272 INTERSIL-ISL28272 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28272FAZ INTERSIL-ISL28272FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28272FAZ RENESAS-ISL28272FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28272INEVAL1Z INTERSIL-ISL28272INEVAL1Z Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Description similaire - ISL28272

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com