Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54058 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL54058
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54058 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL54058 Datasheet HTML 1Page - Intersil Corporation ISL54058 Datasheet HTML 2Page - Intersil Corporation ISL54058 Datasheet HTML 3Page - Intersil Corporation ISL54058 Datasheet HTML 4Page - Intersil Corporation ISL54058 Datasheet HTML 5Page - Intersil Corporation ISL54058 Datasheet HTML 6Page - Intersil Corporation ISL54058 Datasheet HTML 7Page - Intersil Corporation ISL54058 Datasheet HTML 8Page - Intersil Corporation ISL54058 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6380.0
September 29, 2006
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.6
3.6
V
Positive Supply Current, I+
V+ = 3.3V, VINH, VADD = 0V or V+, Switch On or Off
25
-
-
0.05
µA
Full
-
-
1.1
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. RON matching between channels is calculated by subtracting the channel with the highest max RON value from the channel with lowest max
RON value.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
9. Between any two switches.
Electrical Specifications: 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Note 4, 8),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 1.0V
(See Figure 4)
25
-
0.61
0.85
Full
-
-
0.9
RON Matching Between Channels,
∆RON)
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 1.0V (Note 6)
25
-
0.11
-
Full
-
0.12
-
RON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 0V, 0.9V,
1.6V (Note 7)
25
-
0.19
-
Full
-
0.19
-
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.4
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 1.8V, VINH, VADD = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL =
35pF(See Figure 1)
25
-
34
-
ns
Full
-
44
-
ns
Break-Before-Make Time, tBBM
V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL = 35pF
(See Figure 2)
25
-
9
-
ns
Electrical Specifications: 3V Supply
Test Conditions: VSUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4,
8), Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL54058


Numéro de pièce similaire - ISL54058

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL54058IRUZ-T RENESAS-ISL54058IRUZ-T Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058IRUZ-T INTERSIL-ISL54058IRUZ-T Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
More results

Description similaire - ISL54058

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com