Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1001-BD Fiches technique(PDF) 6 Page - Mimix Broadband

No de pièce XX1001-BD
Description  18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIMIX [Mimix Broadband]
Site Internet  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1001-BD Fiches technique(HTML) 6 Page - Mimix Broadband

  XX1001-BD Datasheet HTML 1Page - Mimix Broadband XX1001-BD Datasheet HTML 2Page - Mimix Broadband XX1001-BD Datasheet HTML 3Page - Mimix Broadband XX1001-BD Datasheet HTML 4Page - Mimix Broadband XX1001-BD Datasheet HTML 5Page - Mimix Broadband XX1001-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
18.0-21.0/36.0-42.0 GHz GaAs MMIC
Doubler and Power Amplifier
Page 6 of 6
Handling and Assembly Information
Ordering Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be discarded in accordance
with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices need
careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the backside to
enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The mounting surface should
be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD, Die Mat DM6030HK or DM6030HK-Pt cured
in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid getting any on to the top surface of the
die. An epoxy fillet should be visible around the total die periphery. For additional information please see the Mimix "Epoxy
Specifications for Bare Die" application note. If eutectic mounting is preferred, then a fluxless gold-tin (AuSn) preform, approximately
0.0012 thick, placed between the die and the attachment surface should be used. A die bonder that utilizes a heated collet and
provides scrubbing action to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. The gold-tin
eutectic (80% Au 20% Sn) has a melting point of approximately 280º C (Note: Gold Germanium should be avoided). The work station
temperature should be 310º C +/- 10º C. Exposure to these extreme temperatures should be kept to minimum. The collet should be
heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air bridges and force impact are critical during
placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold bond
pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon with 0.5-2%
elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter wedge or ball bonds are acceptable for DC Bias
connections. Aluminum wire should be avoided. Thermo-compression bonding is recommended though thermosonic bonding may
be used providing the ultrasonic content of the bond is minimized. Bond force, time and ultrasonics are all critical parameters. Bonds
should be made from the bond pads on the die to the package or substrate. All bonds should be as short as possible.
X1001-BD
Part Number for Ordering
Description
XX1001-BD-000V
“V” - vacuum release gel paks
XX1001-BD-000W
“W” - waffle trays
XX1001-BD-EV1
XX1001 die evaluation module
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 26-Jan-07


Numéro de pièce similaire - XX1001-BD

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
More results

Description similaire - XX1001-BD

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
20DBL0629 MIMIX-20DBL0629 Datasheet
209Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XX1001-QK MIMIX-XX1001-QK_09 Datasheet
220Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler
XX1001-QK MIMIX-XX1001-QK Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK MIMIX-XX1001-QK_07 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com