Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55020IRZ Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL55020IRZ
Description  Wideband, Low Distortion, Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55020IRZ Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL55020IRZ Datasheet HTML 3Page - Intersil Corporation ISL55020IRZ Datasheet HTML 4Page - Intersil Corporation ISL55020IRZ Datasheet HTML 5Page - Intersil Corporation ISL55020IRZ Datasheet HTML 6Page - Intersil Corporation ISL55020IRZ Datasheet HTML 7Page - Intersil Corporation ISL55020IRZ Datasheet HTML 8Page - Intersil Corporation ISL55020IRZ Datasheet HTML 9Page - Intersil Corporation ISL55020IRZ Datasheet HTML 10Page - Intersil Corporation ISL55020IRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6287.0
December 18, 2006
Description of Operation and Application
Information
Product Description
The ISL55020 is a full differential Current Feedback
Amplifier (CFA) featuring wide bandwidth and low power.
The device contains a pair of high impedance differential
inputs and a pair of differential outputs. It can be used in any
combination of single/differential ended input/output
configurations. A wide bandwidth unity gain, common mode
amplifier with a 100MHz -3dB bandwidth (Figure 6) is
included to provide DC offset correction or common mode
signal injection to the differential output. The ISL55020 is
internally compensated for single-ended closed loop gain
(AVS), differential closed gain (AVD) of 2, or greater.
Connected in differential gain of 5 (single ended gain of ±2.5
and driving a 200
Ω differential load, the ISL55020 has a -
3dB bandwidth of 300MHz. Driving a 200
Ω differential load
at gain of 10, the bandwidth is about 200MHz (Figure 3). The
ISL55020 is available with a power down feature (EN) to
reduce the power while the amplifier is disabled.
Input, Output, and Supply Voltage Range
The ISL55020 is designed to operate with dual supplies over
a range of +/-2.25V to +/-6V and can also operate with a
single supply over the range of 4.5V to 12V. For single
supply operation, the V- and GND pins must be connected
together as close to the device as possible. The amplifiers
have an input common mode voltage range from -4.3V to
3.4V when operated from ±5V supplies. The differential
mode input range (DMIR) between the two inputs is from -
2.3V to +2.3V. The input voltage range at the VCM pin is
from -3.3V to 3.7V. If the input common mode or differential
mode signal is outside the above-specified ranges, the
output signal will be distorted.
The output of the ISL55020 can swing from -3.8V to +3.8V at
100
Ω differential load at ±5V supply. As the load resistance
becomes lower, the output swing is reduced.
Single-ended, Differential and Common Mode Gain
Settings
The ISL55020 can be used as a single/differential ended to
differential/single converter. The voltage applied at VCM pin
sets the output common mode voltage and the common
mode gain is fixed at gain is one (AVCM = 1).
The output differential voltage is given by the following:
Where:
RF1 = RF2 = RF
The differential output gain (AVD) is defined by the feedback
resistors according to the following
The single ended output voltage (VOS) contains a common
mode component (VCM) and a differential mode component
equal to one-half the differential output (VOD/2)., and is
given by the following:
and the single-ended gain becomes:
FIGURE 18. BASIC APPLICATION CIRCUIT
VOUT+
FB+
RG
RF2
IN+
IN-
FB-
VIN+
VIN-
RF1
VOUT -
VCM
RIN-
RIN+
RL+
RL-
+1
OUT+
OUT-
RT-
RT-VCM
RT+
V+
V-
VCM
GND-
EN
V+
V-
GND-
EN
RS+
RS+
VOD = (VIN+ - VIN-) x (1 + 2RF/RG)
(EQ. 1)
AVD = 1 + 2RF/RG
(EQ. 2)
VOS = VOD/2 + VCM = VCM +(VIN+ - VIN-) x (0.5 + RF/RG) (EQ. 3)
AVS = 0.5+ RF/RG
(EQ. 4)
ISL55020


Numéro de pièce similaire - ISL55020IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55020IRZ RENESAS-ISL55020IRZ Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
ISL55020IRZ-T13 RENESAS-ISL55020IRZ-T13 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results

Description similaire - ISL55020IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
THS4500-EP TI1-THS4500-EP_15 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4520 TI1-THS4520_14 Datasheet
2Mb / 37P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com