Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55290 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL55290
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55290 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL55290 Datasheet HTML 1Page - Intersil Corporation ISL55290 Datasheet HTML 2Page - Intersil Corporation ISL55290 Datasheet HTML 3Page - Intersil Corporation ISL55290 Datasheet HTML 4Page - Intersil Corporation ISL55290 Datasheet HTML 5Page - Intersil Corporation ISL55290 Datasheet HTML 6Page - Intersil Corporation ISL55290 Datasheet HTML 7Page - Intersil Corporation ISL55290 Datasheet HTML 8Page - Intersil Corporation ISL55290 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6262.1
March 30, 2007
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs Rf AND Rg
FIGURE 2. GAIN vs FREQUENCY vs VOUT
FIGURE 3. ISL55290 GAIN vs FREQUENCY vs RL
FIGURE 4. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 5. GAIN vs FREQUENCY vs VS
FIGURE 6. ISL55190 GAIN vs FREQUENCY vs CL
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (MHz)
Rf = 402, RG = 100
Rf = 100, RG = 24.9
AV = 5
RL = 1k
VOUT = 100mVP-P
Rf = 604, RG = 150
.01
0.1
1.0
10
100
1k
Rf = 1.21k, RG = 301
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 1V
VOUT = 100mV
VOUT = 200mV
FREQUENCY (MHz)
AV = 5
Rf = 402
Rg = 100
RL = 1k
0.1
1.0
10
100
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
.01
0.1
1.0
10
100
1k
FREQUENCY (MHz)
AV = 5
CL = 1.2pF
VP-P = 100mV
Cg = 0.8pF
Rg = 100
Rf = 402
RL= 249
RL= 499
RL= 1000
RL= 100
0
10
20
30
40
50
60
70
AV = 1000 Rf/Rg = 100k/100
AV = 100 Rf/Rg = 10k/100
AV = 10 Rf/Rg = 909/100
AV = 5 Rf/Rg = 402/100
FREQUENCY (MHz)
RL = 1k
CL = 2.2pF
Cg = 2.5pF
VP-P = 100mV
0.1
1.0
10
100
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
AV = 5
RL = 1k
VP-P = 100mV
CG = 1.6pF
RG = 100
RF = 402
VS= 5.0V
AV = 5
RL = 1k
VOUT = 100mVP-P
Cg = 1.6pF
Rg = 100
Rf = 402
VS = 5.0V
.01
0.1
1.0
10
100
1k
VS = 2.4V
FREQUENCY (MHz)
CL = 13.2pF
CL = 8.0pF
CL = 4.5pF
CL = 2.2pF
CL = 1.2pF
AV = 5
RL = 1k
Rf = 402
Rg = 100
VOUT = 100mVP-P
.01
0.1
1.0
10
100
1k
-3
-1
0
1
2
3
-2
4
-4
-5
-6
ISL55190, ISL55290


Numéro de pièce similaire - ISL55290

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55290 RENESAS-ISL55290 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55290EVAL1Z RENESAS-ISL55290EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55290IUZ RENESAS-ISL55290IUZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55290IUZ-T13 RENESAS-ISL55290IUZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

Description similaire - ISL55290

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com