Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5602 Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN5602
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602 Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5602_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 12Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 13Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.0
11
Switch Array Modes
Figure 24. Mode 1 (1:1)
Figure 26. Mode 3 (1:2 or 2:1) All Switches Set for
Phase 1 and Reverse State for Phase 2
Figure 25. Mode 2 (2:3 or 3:2) All Switches Set for
Phase 1 and Reverse State for Phase 2
Figure 27. Mode 4 (1:3 or 3:1) All Switches Set for
Phase 1 and Reverse State for Phase 2
Light-Load Operation
The power transistors used in the charge pump are very
large in size. The dynamic loss from the switching the
power transistors is not small and increases its propor-
tion of the total power consumption as the load gets light.
To save power, the FAN5602 switches, when the load is
less than 10mA, from constant frequency to pulse-skip-
ping mode (PFM) for modes 2:3(3:2), 1:2(2:1) and
1:3(3:1), except mode 1:1. In PFM mode, the linear loop
is disabled and the error amplifier is turned off. A PFM
comparator is used to setup an upper threshold and a
lower threshold for the output. When the output is lower
than the lower threshold, the oscillator is turned on and
the charge pump starts working and keeps delivering
charges from the input to the output until the output is
higher than the upper threshold. The oscillator shuts off
power transistors and delivers the charge to the output
from the output capacitor. PFM operation is not used for
Mode 1:1, even if at light load. Mode 1:1 is designed as
an LDO with the oscillator off. The power transistors at
LDO mode are not switching and therefore do not have
the dynamic loss.
Switching
from
linear
operation
to
PFM
mode
(ILOAD<10mA)
and
from
PFM
to
linear
mode
(ILOAD>10mA) is automatic, based on the load current,
which is monitored all the time.
Short Circuit
When the output voltage is lower than 150mV, the
FAN5602 enters short-circuit condition. In this condition,
all power transistors are turned off. A small transistor
shorting the input and the output turns on and charges
the output. This transistor stays on as long as the VOUT
< 150mV. Since this transistor is very small, the current
from the input to the output is limited. Once the short at
the output is eliminated, this transistor is large enough to
charge the output higher than 150mV and the FAN5602
enters soft-start period.
Soft Start
The FAN5602 uses a constant current, charging a low-
pass filter to generate a ramp. The ramp is used as refer-
ence voltage during the startup. Since the ramp starts at
zero and goes up slowly, the output follows the ramp and
inrush current is restricted. When the ramp is higher than
bandgap voltage, the bandgap voltage supersedes ramp
as reference and the soft start is over. The soft start
takes about 500µs.
Thermal Shutdown
The FAN5602 goes to thermal shutdown if the junction
temperature is over 150°C with 15°C hysteresis.
GND
S1A
S2A
TOP
C1+
C1-
C1
MID
MID
TOP
C1
C2
C1+
C1-
C2+
C2-
S3A
S4A
S1A
S2A
S3B
S4B
S1B
S2B
MID
TOP
GND
C1+
C1+
C1-
C1-
C1
C2
S1A
S1A
S2A
S3A
S4B
S5
S3B
MID
TOP
GND
C1+
C2+
C1-
C2-
C1
C2
S1A
S2A
S2B
S4A
S4B
S5
S3B


Numéro de pièce similaire - FAN5602_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

Description similaire - FAN5602_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com