Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5069MTCX Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN5069MTCX
Description  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN5069MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
September 2006
FAN5069 Rev. 1.1.5
FAN5069
PWM and LDO Controller Combo
Features
General Purpose PWM Regulator and LDO Controller
Input Voltage Range: 3V to 24V
Output Voltage Range: 0.8V to 15V
– VCC
– 5V
Shunt Regulator for 12V Operation
Support for Ceramic Cap on PWM Output
Programmable Current Limit for PWM Output
Programmable Switching Frequency (200KHz to
600KHz)
RDS(ON) Current Sensing
Internal Synchronous Boot Diode
Soft-Start for both PWM and LDO
Multi-Fault Protection with Optional Auto-restart
16-pin TSSOP Package
Applications
PC/Server Motherboard Peripherals
– VCC_MCH (1.5V), VDDQ (1.5V) and
VTT_GTL (1.25V)
Power Supply for
– FPGA, DSP, Embedded Controllers, Graphic Card
Processor, and Communication Processors
Industrial Power Supplies
High-Power DC-to-DC Converters
Description
The FAN5069 combines a high-efficiency Pulse-Width-
Modulated (PWM) controller and an LDO (Low DropOut)
linear regulator controller. Synchronous rectification pro-
vides high efficiency over a wide range of load currents.
Efficiency is further enhanced by using the low-side
MOSFET’s RDS(ON) to sense current.
Both the linear and PWM regulator soft-start are con-
trolled by a single external capacitor, to limit in-rush cur-
rent from the supply when the regulators are first
enabled. Current limit for PWM is also programmable.
The PWM regulator employs a summing-current-mode
control with external compensation to achieve fast load
transient response and provide design optimization.
FAN5069 is offered in both industrial temperature grade
(-40°C to +85°C) as well as commercial temperature
grade (-10°C to +85°C).
Ordering Information
Note: Contact Fairchild sales for availability of other package options.
Part Number
Operating Temp. Range Pb-Free
Package
Packing Method
Qty./Reel
FAN5069MTCX
-10°C to +85°C
Yes
16-Lead TSSOP
Tape and Reel
2500
FAN5069EMTCX
-40°C to +85°C
Yes
16-Lead TSSOP
Tape and Reel
2500


Numéro de pièce similaire - FAN5069MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Description similaire - FAN5069MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com