Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59531 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL59531
Description  16x16 Video Crosspoint with Differential Inputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59531 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL59531 Datasheet HTML 1Page - Intersil Corporation ISL59531 Datasheet HTML 2Page - Intersil Corporation ISL59531 Datasheet HTML 3Page - Intersil Corporation ISL59531 Datasheet HTML 4Page - Intersil Corporation ISL59531 Datasheet HTML 5Page - Intersil Corporation ISL59531 Datasheet HTML 6Page - Intersil Corporation ISL59531 Datasheet HTML 7Page - Intersil Corporation ISL59531 Datasheet HTML 8Page - Intersil Corporation ISL59531 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN6251.0
March 21, 2006
GND
GND
Ground
VS
VS
Power supply
OUT9
H20
Output
VOVER9
H18
Overlay analog input
OVER9
H19
Overlay logic control
OUT8
K20
Output
VOVER8
K18
Overlay analog input
OVER8
K19
Overlay logic control
OUT TEST 2
NONE
Manufacturing test pin - leave open
GND
GND
Ground
VS
VS
Power supply
OVER7
M20
Overlay logic control
VOVER7
M18
Overlay analog input
OUT7
M19
Output
OVER6
P20
Overlay logic control
VOVER6
P18
Overlay analog input
OUT6
P19
Output
GND
GND
Ground
VS
VS
Power supply
OUT5
T20
Output
VOVER5
T18
Overlay analog input
OVER5
T19
Overlay logic control
OUT4
V20
Output
VOVER4
V18
Overlay analog input
OVER4
V19
Overlay logic control
VS
VS
Power supply
OUT TEST 1
NONE
Manufacturing test pin - leave open
GND
GND
Ground
OVER3
Y16
Overlay logic control
VOVER3
V16
Overlay analog input
OUT3
W16
Output
OVER2
Y14
Overlay logic control
VOVER2
V14
Overlay analog input
OUT2
W14
Output
VS
VS
Power supply
GND
GND
Ground
OUT1
Y12
Output
VOVER1
V12
Overlay analog input
OVER1
W12
Overlay logic control
OUT0
Y10
Output
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
VOVER0
V10
Overlay analog input
OVER0
W10
Overlay logic control
VS
VS
Power supply
OUT TEST 0
NONE
Manufacturing test pin - leave open
GND
GND
Ground
IN0
Y8
Input
INB0
W8
Complementary input
IN1
Y6
Input
INB1
W6
Complementary input
DIODE
V9
Anode of a ground-connected diode:
useful for measuring die temperature
VS
VS
Power supply
GND
GND
Ground
VS
VS
Power supply
GND
GND
Ground
SPARE0
V6
Not assigned-do not connect
SPARE1
V5
Not assigned-do not connect
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
ISL59531


Numéro de pièce similaire - ISL59531

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
More results

Description similaire - ISL59531

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59533 INTERSIL-ISL59533 Datasheet
1Mb / 24P
   32x32 Video Crosspoint with Differential Inputs
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com