Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2011I Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN2011I
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011I Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2011I Datasheet HTML 2Page - Fairchild Semiconductor FAN2011I Datasheet HTML 3Page - Fairchild Semiconductor FAN2011I Datasheet HTML 4Page - Fairchild Semiconductor FAN2011I Datasheet HTML 5Page - Fairchild Semiconductor FAN2011I Datasheet HTML 6Page - Fairchild Semiconductor FAN2011I Datasheet HTML 7Page - Fairchild Semiconductor FAN2011I Datasheet HTML 8Page - Fairchild Semiconductor FAN2011I Datasheet HTML 9Page - Fairchild Semiconductor FAN2011I Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Block Diagram
Figure 4. Block Diagram
Detailed Operation Description
The FAN2011 is a step-down pulse width modulated
(PWM) current mode converter with a typical switching
frequency of 1.3MHz. At the beginning of each clock
cycle, the P-channel transistor is turned on. The inductor
current ramps up and is monitored via an internal circuit.
The P-channel switch is turned off when the sensed cur-
rent causes the PWM comparator to trip when the output
voltage is in regulation or when the inductor current
reaches
the
current
limit
(set
internally,
typically
2600mA). After a minimum dead time, the N-channel
transistor is turned on and the inductor current ramps
down. As the clock cycle is completed, the N-channel
switch is turned off and the next clock cycle starts. The
duty cycle is solely given by the ratio of output voltage
and input voltage. Therefore, the converter runs with a
minimum duty cycle when output voltage is at minimum
and input voltage is at maximum.
100% Duty Cycle Operation
As the input voltage approaches the output voltage and
the duty cycle exceeds the typical 95%, the converter
turns the P-channel transistor continuously on. In this
mode, the output voltage is equal to the input voltage
minus the voltage drop across the P-channel transistor:
VOUT = VIN – ILOAD × (RDS_ON + RL), where
RDS_ON = P-channel switch ON resistance
ILOAD = Output current
RL = Inductor DC resistance
UVLO and Soft Start
The reference and the circuit remain reset until the VIN
crosses its UVLO threshold.
The FAN2011 has an internal soft-start circuit that limits
the in-rush current during start-up. This prevents possi-
ble voltage drops of the input voltage and eliminates the
output voltage overshoot. The soft-start is implemented
as a digital circuit, increasing the switch current in four
steps to the P-channel current limit (2600mA). Typical
start-up time for a 40µF output capacitor and a load cur-
rent of 1500mA is 800µs.
Short Circuit Protection
The switch peak current is limited cycle by cycle to a typ-
ical value of 2600mA. In the event of an output voltage
short circuit, the device operates with a frequency of
400kHz and minimum-duty cycle, therefore the average
input current is typically 350mA.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset
occurs and remains in effect until the die cools to 130°C,
at which point, the circuit restarts.
FB
ERROR
AMP
REF
FB
IS
CURRENT
SENSE
DIGITAL
SOFT START
UNDER VOLTAGE
LOCKOUT
LOGIC
CONTROL
MOSFET
DRIVER
OSC
SLOPE COMPENSATION
COMP
OVER
VOLTAGE
COMP
IS
GND
SW
VIN
EN
GND
0.8V


Numéro de pièce similaire - FAN2011I

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2011I FAIRCHILD-FAN2011I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011IMPX FAIRCHILD-FAN2011IMPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Description similaire - FAN2011I

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com