Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55005IEZ-T7 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL55005IEZ-T7
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55005IEZ-T7 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL55005IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55005IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55005IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55005IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55005IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55005IEZ-T7 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN6199.0
ISL55005
MMIC Silicon Bipolar Broadband Amplifier
The ISL55005, ISL55007, ISL55008 and ISL55009,
ISL55010, ISL55011 constitute a family of high performance
gain blocks featuring a Darlington configuration using high ft
transistors and excellent thermal performance. They are an
ideal choice for DVB-S LNB cable receiver applications.
ISL55005, ISL55007, ISL55008 offer higher OIP3
performance while the ISL55009, ISL55010, ISL55011 offer
lower operating supply currents.
ISL55005 and ISL55009 match a 75
Ω source to a 50Ω load.
ISL55007 and ISL55010 match a 75
Ω source to a 75Ω load.
ISL55008 and ISL55011 match a 50
Ω source to a 50Ω load.
Features
• Input impedance of 75
• Output impedance of 50
• Noise figure of 3.6dB
• OIP3 of 17dBm
• Low input and output return losses
• Pb-free plus anneal available (RoHS compliant)
Applications
• LNB and LNB-T line amplifiers
• IF gain blocks for satellite and terrestrial HDTV STBs
• PA driver amplifier
• Wireless data, satellite
• Bluetooth/WiFi
• Satellite locator and signal strength meters
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55005IEZ-T7 CSA
7” (3k pcs) 6 Ld SC-70
P6.049
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Typical Application Circuit
Pinout
6 LD SC-70
100pF
0.1µF
100nH
100pF
0.1µF
68pF
68pF
1, 2, 5
3
4
6
+3.3V
GND
GND
IN
1
2
3
6
5
4
OUT
GND
VSP
Data Sheet
May 22, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL55005IEZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55005IEZ-T7 RENESAS-ISL55005IEZ-T7 Datasheet
343Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Description similaire - ISL55005IEZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com