Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1585AT Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN1585AT
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AT Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN1585AT Datasheet HTML 1Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 2Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 3Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAN1585A
PRODUCT SPECIFICATION
2
REV. 1.1.6 7/8/05
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
θJA can vary from
30°C/W to more than 40°C/W. Other mounting techniques can provide a thermal resistance lower than 30°C/W.
Absolute Maximum Ratings
Absolute Maximum Safe Operating Area
Parameter
Min.
Max.
Unit
VIN
18
V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
3-Lead Plastic TO-220
θJC = 3°C/W
3-Lead Plastic TO-252
θJC = 3°C/W
ADJ/
GND
FRONT VIEW
3-Lead Plastic TO-263
θJC = 3°C/W*
IN
12
3
ADJ/
GND
OUT
OUT
FRONT VIEW
FRONT VIEW
IN
12
3
ADJ/
GND
FRONT VIEW
3-Lead Plastic TO-263 Center Cut
θJC = 3°C/W*
IN
Tab is Out.
Tab is Out.
Tab is Out.
12
3
Tab is VOUT
1
ADJ/
GND
OUT
IN
23
VIN–VOUT (V)
02
4
6
8
12
10
14
7
6
5
4
3
2
1
0


Numéro de pièce similaire - FAN1585AT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585AT FAIRCHILD-FAN1585AT Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AT15 FAIRCHILD-FAN1585AT15 Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AT18 FAIRCHILD-FAN1585AT18 Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1585AT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com