Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1582D15X Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN1582D15X
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582D15X Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1582D15X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 9Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 10Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FAN1582
PRODUCT SPECIFICATION
8
REV. 1.1.3 11/9/03
Table 1. Bill of Materials for Application Circuit for the FAN1582
Figure 4. Application Circuit (FAN1582-1.5)
Table 2. Bill of Materials for Application Circuit for the FAN1582-1.5
Figure 5. Application Circuit (FAN1582-2.5)
Table 3. Bill of Materials for Application Circuit for the FAN1582-2.5
Item
Quantity
Manufacturer
Part Number
Description
C1, C3
2
Xicon
L10V10
10µF, 10V Aluminum
C2
1
Xicon
L10V100
100µF, 10V Aluminum
C4
1
Any
1µF Ceramic
R1
1
Generic
124
Ω, 1%
R2
1
Generic
86.6
Ω, 1%
U1
1
Fairchild
FAN1582P
3A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C2
1
Any
1µF Ceramic
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1582P-1.5
3A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C2
1
Any
1µF Ceramic
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1582P-2.5
3A Regulator
100
µF
C3
VCNTL = 3.3V
1.5V at 3A
10
µF
C1
VIN = 2.5V
+
1
µF
C2
+
VIN
VSENSE
VCNTL
GND
U1
VOUT
FAN1582–1.5
100
µF
C3
VCNTL = 5V
2.5V at 3A
10
µF
C1
VIN = 3.3V
+
1
µF
C2
+
+
VIN
VSENSE
VCNTL
GND
U1
VOUT
FAN1582–2.5


Numéro de pièce similaire - FAN1582D15X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Description similaire - FAN1582D15X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com