Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1585A Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN1585A
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585A Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1585A_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 9Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 10Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 11Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FAN1585A
PRODUCT SPECIFICATION
8
REV. 1.1.6 7/8/05
Figure 14. Application Circuit (FAN1585A)
Table 1. Bill of Materials for Application Circuit for the FAN1585A
Figure 15. Application Circuit (FAN1585A-1.5)
Table 2. Bill of Materials for Application Circuit for the FAN1585A-1.5
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V22
22µF, 10V Aluminum
C2, C3
2
Xicon
L10V100
100µF, 10V Aluminum
R1
1
Generic
124
Ω, 1%
R2
1
Generic
24.9
Ω, 1%
U1
1
Fairchild
FAN1585AT
5A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V22
22µF, 10V Aluminum
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1585AT-1.5
5A Regulator
FAN1585A
U1
ADJ
C2
100
µF
R2
24.9
R1
124
+
C3
100
µF
VOUT
1.5V
+
C1
22
µF
+
VIN
VOUT
VIN
3.3V
FAN1585A-1.5
U1
GND
C3
100
µF
VOUT
1.5V
+
C1
22
µF
+
VIN
VOUT
VIN
3.3V
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This
is the lowest resistance path for heat flow. Proper mounting
ensures the best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive material at the
case-to-heat sink interface is recommended. Use a thermally
conductive spacer if the case of the device must be electri-
cally isolated and include its contribution to the total thermal
resistance. The cases of the FAN1585A series are directly
connected to the output of the device.


Numéro de pièce similaire - FAN1585A_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585AM15X FAIRCHILD-FAN1585AM15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AM18X FAIRCHILD-FAN1585AM18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC15X FAIRCHILD-FAN1585AMC15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC18X FAIRCHILD-FAN1585AMC18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMCX FAIRCHILD-FAN1585AMCX Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1585A_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com